Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT98R068-1 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT98R068-1
Description  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 81Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 82Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 83Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 84Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 85Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 86Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 87Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 88Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
Rev. 1.10
84
�e���a�� 1�� �01�
Rev. 1.10
85
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
Bit0
VOX Event: VOX signal above high or below low threshold
0: No detected VOX event change
1: VOX event status has detected change
VOX Threshold Status - 29h Address
Bit
7
6
5
4
3
2
1
0
Name
VOX Th�eshold Stat�s
Bit
7~2
Unimplemented, ignore this value
Bit
1~0
VOX Threshold Status: VOX high/low threshold data compare result
01:Below Low Threshold
10:Above High Threshold
Others: Don’t care
Selective Call Tone - 2Ah Address
Bit
7
6
5
4
3
2
1
0
Name
Selective Cal
Bit
7~4
Unimplemented, ignore this value
Bit
3~0
Selective Call: Selective call tone number selection
Bit3-0: 0000 – 1111 assigned selective call number 0 – F, following EEA protocol.
The 16 number tones are indicated in the address range: 04e0 – 04ff
Sub-audio Tone - 2Bh Address
Bit
7
6
5
4
3
2
1
0
Name
S��_Inv
S�� A�dio Tone
Bit
7
Sub_Inv: DCS inverted select bit
In DCS mode:
0: Non-inverted DCS code
1: Inverted DCS code
In CTCSS mode: Don’t care
Bit
6~0
Sub Audio Tone: Sub Audio Tone Channel Number
Bit6-0: Select DCS or CTCSS tone number, see the following table
Sub Audio Mode
Number(Dec)
Code(Dec) / Tone
DCS
0
User defined DCS code
1-8�
DCS code 1~8�
85~1�6
No tone
1�7
DCS t��n off tone (
to DA2)
CTCSS
0
User defined CTCSS tone
1~51
CTCSS tone 1~51
5�~1�7
No tone
Sub-audio Tone Number Table


Similar Part No. - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Similar Description - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com