Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R22 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT56R22
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT56R22_14 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 127 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
(Crystal OSC, RC OSC)
¾
2.2V~5.5V
32
¾
4000
kHz
3.0V~5.5V
32
¾
8000
kHz
4.5V~5.5V
32
¾
12000
kHz
f4MERC
System clock (ERC)
5V
R=150k
W, Ta=25°C*
-2%
4
+2%
MHz
5V
R=150k
W,
Ta=
-40°C~+85°C
-8%
4
+8%
MHz
2.7V~
5.5V
R=150k
W,
Ta=
-40°C~+85°C
-15%
4
+15%
MHz
f4MIRC
System clock (HIRC)
5V
Ta=25
°C
-2%
4
+2%
MHz
5V
Ta=
-40°C~85°C
-5%
4
+5%
MHz
2.7V~
5.5V
Ta=
-40°C~85°C
-10%
4
+10%
MHz
fLXT
System clock LXT
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
¾
2.2V~5.5V
0
¾
4000
kHz
3.0V~5.5V
0
¾
8000
kHz
4.5V~5.5V
0
¾
12000
kHz
fLIRC
LIRC Oscillator
¾
2.2V~5.5V,
After Trim
28.8
32.0
35.2
kHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Reset Time
¾¾
0.1
0.4
0.6
ms
tSST1
System Start-up Timer Period
¾
Power-on
¾
1024
¾
tSYS*
tSST2
System Start-up Timer Period for
XTAL or RTC oscillator
¾
Wake-up from Power
Down Mode
¾
1024
¾
tSYS*
tSST3
System Start-up Timer Period for
External RC or External Clock
¾
Wake-up from Power
Down Mode
¾
12
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note:
1. tSYS=1/fSYS1 or 1/fSYS2
2. * For f4MERC, as the resistor tolerance will influence the frequency a precision resistor is recommended.
3. To maintain the accuracy of the internal HIRC oscillator frequency, a 0.1
mF decoupling capacitor should
be connected between VDD and VSS and located as close to the device as possible.
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.30
15
December 26, 2014


Similar Part No. - HT56R22_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

Similar Description - HT56R22_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com