Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R26 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT56R26
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R26 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT56R26 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R26 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R26 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R26 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R26 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R26 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R26 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R26 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R26 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 127 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
PB0/SCK0/SCL/SCOM0
PB0
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
SCK0
CO
SIMCTL0
ST
CMOS
SPI1 serial clock input or output
SCL
CO
SIMCTL0
ST
¾
I
2C serial clock input
SCOM0
SCOMC
¾
SCOM
Software controlled 1/2 bias LCD COM
PB1/SCS0/SCOM1
PB1
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
SCS0
CO
SIMCTL0
ST
CMOS
SPI0 select control pin
SCOM1
SCOMC
¾
SCOM
Software controlled 1/2 bias LCD COM
PB2/PCLK/SCOM2
PB2
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
PCLK
CO
SIMCTL0
¾
CMOS
Peripheral clock output
SCOM2
SCOMC
¾
SCOM
Software controlled 1/2 bias LCD COM
PB3/PINT/SCOM3
PB3
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
PINT
¾
ST
¾
Peripheral interrupt input, falling edge trigger
SCOM3
SCOMC
¾
SCOM
Software controlled 1/2 bias LCD COM
PB4/BZ
PB4
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
BZ
CO
¾¾
Buzzer output
PB5/BZ
PB5
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
BZ
CO
¾¾
Buzzer bar output
PB6/TC2
PB6
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
TC2
¾
ST
¾
External Timer 2 clock input
PB7
PB7
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
PC0/OSC1
PC0
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
OSC1
CO
AN
¾
Oscillator pin
PC1/OSC2
PC1
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
OSC2
CO
¾
CMOS
Oscillator pin
PC2/XT1
PC2
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
XT1
CO
¾
CMOS
Oscillator pin
PC3/XT2
PC3
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
XT2
CO
¾
LXT
Oscillator pin
PC4~PC5
PCn
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
PC6/AUD
PC6
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
AUD
CO
DACTRL
¾
AO
Audio output
PC7/RES
PC7
PCPU
ST
NMOS
General purpose I/O. Register enabled pull-up.
RES
CO
ST
¾
Reset input
PD0/PWM0/SDI0/SDA
PD0
PDPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
PWM0
PINMAP
¾
CMOS
PWM0 output
SDI0
CO
SIMCTL0
ST
¾
SPI0 serial data input
SDA
CO
SIMCTL0
ST
OD
I
2C data input or output
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.30
8
December 26, 2014


Similar Part No. - HT56R26

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R26 HOLTEK-HT56R26 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R26 HOLTEK-HT56R26_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

Similar Description - HT56R26

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com