Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN12651 Datasheet(PDF) 1 Page - Cree, Inc

Part # CN12651
Description  Lenina series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN12651 Datasheet(HTML) 1 Page - Cree, Inc

  CN12651 Datasheet HTML 1Page - Cree, Inc CN12651 Datasheet HTML 2Page - Cree, Inc CN12651 Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT DATASHEET
Lenina series
last update 31/10/2016
DETAILS
Product Number
CN12651_LENINA-M
Family
Lenina
Type
RefPack
Color
metal
Diameter
74 mm
Height
46 mm
Style
round
Optic Material
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
31/10/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CL-L340
30 deg
Medium
86 %
-
-
July 7th 2017 5:50 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CN12651

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN12650 CREE-CN12650 Datasheet
278Kb / 3P
   Lenina series
CN12652 CREE-CN12652 Datasheet
299Kb / 3P
   Lenina series
CN12653 CREE-CN12653 Datasheet
263Kb / 3P
   Lenina series
CN12654 CREE-CN12654 Datasheet
263Kb / 3P
   Lenina series
CN12655 CREE-CN12655 Datasheet
263Kb / 3P
   Lenina series
More results

Similar Description - CN12651

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN14108 CREE-CN14108 Datasheet
2Mb / 35P
   Lenina series
CN12650 CREE-CN12650 Datasheet
278Kb / 3P
   Lenina series
CN12652 CREE-CN12652 Datasheet
299Kb / 3P
   Lenina series
CN12653 CREE-CN12653 Datasheet
263Kb / 3P
   Lenina series
CN13201 CREE-CN13201 Datasheet
420Kb / 6P
   Lenina series
CN14106 CREE-CN14106 Datasheet
2Mb / 37P
   Lenina series
CN12959 CREE-CN12959 Datasheet
405Kb / 6P
   Lenina series
CN13197 CREE-CN13197 Datasheet
403Kb / 5P
   Lenina series
CN12641 CREE-CN12641 Datasheet
403Kb / 5P
   Lenina series
CN13200 CREE-CN13200 Datasheet
409Kb / 6P
   Lenina series
CN12969 CREE-CN12969 Datasheet
359Kb / 6P
   Lenina series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com