Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD26PL Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SMD26PL
Description  2 Amp Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMD26PL Datasheet(HTML) 2 Page - Nanjing International Group Co

  SMD26PL Datasheet HTML 1Page - Nanjing International Group Co SMD26PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD22PL~SMD220PL
MCC
www.mccsemi.com
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
SMD22PL~24PL
SMD26PL
T - 25ºC
J
I Pulse Width = 300 ms
F
0
0.5
1.0
25
50
75
100
125
150
T, LEAD TEMPERATURE (ºC)
L
Fig. 1 Forward Current Derating Curve
1.5
2.0
2.5
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave
SMD210PL~220PL


Similar Part No. - SMD26PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD26PL MCC-SMD26PL Datasheet
162Kb / 1P
   Schottky Barrier Diodes 20 to 60 Volts
SMD26PL MCC-SMD26PL Datasheet
349Kb / 3P
   Schottky Barrier Diodes 20 to 100 Volts
logo
Nanjing International G...
SMD26PL DGNJDZ-SMD26PL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD26PL DGNJDZ-SMD26PL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD26PL DGNJDZ-SMD26PL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
More results

Similar Description - SMD26PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMD210PL.2A-SOD-123FL DGNJDZ-SMD210PL.2A-SOD-123FL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD24PL-2A-SOD-123FL DGNJDZ-SMD24PL-2A-SOD-123FL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD210PL-2A-SOD-123FL DGNJDZ-SMD210PL-2A-SOD-123FL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD26PL-2A-SOD-123FL DGNJDZ-SMD26PL-2A-SOD-123FL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD24PL.2A-SOD-123FL DGNJDZ-SMD24PL.2A-SOD-123FL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD26PL.2A-SOD-123FL DGNJDZ-SMD26PL.2A-SOD-123FL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD22PL-2A-SOD-123FL DGNJDZ-SMD22PL-2A-SOD-123FL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD220PL-2A-SOD-123FL DGNJDZ-SMD220PL-2A-SOD-123FL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD22PL DGNJDZ-SMD22PL Datasheet
273Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD32PL-3A-SOD-123FL DGNJDZ-SMD32PL-3A-SOD-123FL Datasheet
191Kb / 2P
   3 Amp Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com