Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52743BSP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M52743BSP
Description  I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52743BSP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M52743BSP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52743BSP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52743BSP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52743BSP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52743BSP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52743BSP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52743BSP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52743BSP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52743BSP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MITSUBISHI ICs (Monitor)
M52743BSP
I2C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
5
ELECTRICAL CHARACTERISTICS (cont.)
Symbol
Parameter
Test
point
(s)
Input
CTL
voltage
BUS CTL (H)
Limits
Unit
2,6,11
RGB
in
1
OSD
BLK
4,9,13
OSD
in
19
CP in
27
ReT
BLK
7
SOG
in
30
Bri-
ght
15
ABL
00H
Main
cont
01H
Sub
cont
1
02H
Sub
cont
2
03H
Sub
cont
3
04H
OSD
Adj
05H
BLK
Adj
06H
D/A
OUT
1
07H
D/A
OUT
2
08H
D/A
OUT
3
09H
D/A
OUT
4
0BH
INT
EXT
Min. Typ. Max.
Tr
Pulse
characteristics1
(4VP-P)
OUT
b
SG1
aa
b
SG5
aa
Vari
able
5.0
Va
ria
ble
FFH
255
FFH
255
FFH
255
00H
0
00H
0
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
1.7
ns
Tf
Pulse
characteristics2
(4VP-P)
OUT
b
SG1
aa
b
SG5
aa
Vari
able
5.0
Va
ria
ble
3.0
ns
VthCP
Clamp pulse
threshold
voltage
OUT
b
SG1
aa
b
SG5
Variable
a
a
2.0 5.0
FFH
255
1.0
1.5
2.0
V
WCP
Clamp pulse
minimum
width
OUT
b
SG1
aa
b
SG5
Variable
a
a
2.0 5.0
0.2
0.5
−µs
PDCH
Pedestal voltage
temperature
characteristics1
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
-3.0
0
0.3
V
PDCL
Pedestal voltage
temperature
characteristics2
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
-3.0
0
0.3
V
OTr
OSD pulse
characteristics1
OUT
a
a
b
SG6
b
SG5
a
a
2.0 5.0
08H
8
3.0
6.0
ns
OTf
OSD pulse
characteristics2
OUT
a
a
b
SG6
b
SG5
a
a
2.0 5.0
08H
8
3.0
6.0
ns
Oaj1
OSD adjust control
characteristics1
OUT
a
b
SG6
b
SG6
b
SG5
a
a
2.0 5.0
0FH
15
4.6
5.4
6.2
VP-P
∆Oaj1
OSD adjust control
relative
characteristics1
−−−
0.8
1.0
1.2
Oaj2
OSD adjust control
characteristics2
OUT
a
b
SG6
b
SG6
b
SG5
a
a
2.0 5.0
08H
8
2.8
3.3
3.8
VP-P
∆Oaj2
OSD adjust control
relative
characteristics2
−−−
0.8
1.0
1.2
Oaj3
OSD adjust control
characteristics3
OUT
a
b
SG6
b
SG6
b
SG5
a
a
2.0 5.0
08H
8
0
0.1
0.5
VP-P
∆Oaj3
OSD adjust control
relative
characteristics3
−−−
0.8
1.0
1.2
VthOSD
OSD input
threshold
voltage
OUT
a
b
SG6
b
SG6
Variable
b
SG5
a
a
2.0 5.0
08H
8
2.2
2.7
3.2
V
VthBLK
OSD BLK input
threshold
voltage
OUT
b
SG1
b
SG6
Variable
a
b
SG5
a
a
2.0 5.0
00H
0
2.2
2.7
3.2
V
HBLK1
Retrace BLK
characteristics1
OUT
a
a
a
b
SG5
b
SG7
a
2.0 5.0
0FH
15
1.7
2.0
2.3
V
HBLK2
Retrace BLK
characteristics2
OUT
a
a
a
b
SG5
b
SG7
a
2.0 5.0
06H
6
0.7
1.0
1.3
V
HBLK3
Retrace BLK
characteristics3
OUT
a
a
a
b
SG5
b
SG7
a
2.0 5.0
00H
0
0.1
0.4
0.7
V
VthRET
Retrace BLK
input threshold
voltage
OUT
a
a
a
b
SG5
b
SG7
Variable
a
2.0 5.0
08H
8
1.0
1.5
2.0
V
SS-NV
SOG input
maximum
noize voltage
SonG
IN
Sync
OUT
aa
aaa
b
SG4
Variable
2.0 5.0
0 0.01 0.02
VP-P
SS-SV
SOG
minimum
input voltage
SonG
IN
Sync
OUT
aa
aaa
b
SG4
Variable
2.0 5.0
0.2
0.3
VP-P
VSH
Sync output
hi level
Sync
OUT
aa
aaa
b
SG4
2.0 5.0
4.5
4.9
5.0
V
VSL
Sync output
lo level
Sync
OUT
aa
aaa
b
SG4
2.0 5.0
0
0.3
0.6
V
TDS-F
Sync output
delay time1
Sync
OUT
aa
aaa
b
SG4
2.0 5.0
0
60
90
ns


Similar Part No. - M52743BSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
More results

Similar Description - M52743BSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52743SP MITSUBISHI-M52743SP Datasheet
136Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
   160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
   I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
logo
Mitsubishi Electric Sem...
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
   2-Channel Preamplifier
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com