Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3530-01MR Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SK3530-01MR
Description  Fuji Power MOSFET SuperFAP-G series Target Specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3530-01MR Datasheet(HTML) 1 Page - Fuji Electric

  2SK3530-01MR Datasheet HTML 1Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
NAME
DRAWN
CHECKED
REVISIONS
APPROVED
Fuji Electric Co.,Ltd.
MA4LE
Fuji Power MOSFET SuperFAP-G series Target Specification
PRELIMINARY
1) Package
TO-220F
2) Absolute Maximum Ratings (Tc=25℃ unless otherwise specified)
Items
Units
Drain-Source Voltage
V
Continuous Drain Current
A
Pulsed Drain Current
A
Gate-Source Voltage
V
A
mJ
*1
Maximum Drain-Source dV/dt
dVDS/dt
kV/us
Peak Diode recovery dV/dt
dV/dt
kV/us
*2
W
W
Operating and Storage
Temperature range
3)Electrical Characteristics (Tch=25℃ unless otherwise specified)
Items
Symbols
Test Conditions
min.
typ.
max.
Units
Drain-Source Breakdown Voltage BVDSS
ID=250uA
VGS=0V
800
---
---
V
Gate Threshold Voltage
VGS(th)
ID=250uA
VDS=VGS
3.0
---
5.0
V
VDS=800V
Tch=25℃
---
---
50
μA
VGS=0V
Tch=125℃
---
---
500
μA
Gate-Source Leakage Current
IGSS
VGS=±30V
VDS=0V
---
---
100
nA
Input Capacitance
Ciss
VDS=25V
---
830
---
Output Capacitance
Coss
VGS=0V
---
100
---
pF
Reverse Transfer Capacitance
Crss
f=1MHz
---
5
---
Total Gate ChargeQg
Vcc=400V
---
25
---
Gate to Source Charge
Qgs
ID=7A
---
7.5
---
nC
Gate to Drain (Miller) Charge
Qgd
VGS=10V
---
7
---
Avalanche Capability
IAV
L=8.80mH
Tch=25
7
---
---
A
Diode Forward On-Voltage
VSD
IF=7A,VGS=0V,Tch=25℃
---
1.0
1.5
V
4) Thermal Characteristics
Items
Symbols
Test Conditions
min.
typ.
max.
Units
Channel to Case
Rth(ch-c)
1.79
℃/W
Channel to Ambient
Rth(ch-a)
58.0
℃/W
*1 L=8.80mH,Vcc=80V
*2 I
F-ID,-di/dt=50A/µs,VccBVDSS,Tch150°C
Non-Repetitive
Maximum Avalanche Energy
2SK3530-01MR (800V/1.9
Ω/7A)
VGS
IAR
EAS
Symbols
VDS
ID
ID(pulse)
±30
7
Ratings
800
±7
±28
Ω
---
1.9
235.3
20
5
70
2.16
150
-55 ∼ +150
---
IDSS
RDS(on)
ID=3.5A
Repetitive and Non-Repetitive
Maximum Avalanche Current
Zero Gate Voltage Drain Current
Drain-Source On-State Resistance
VGS=10V
Tch
Tstg
Maximum Power Dissipation
PD @Ta=25℃
PD @Tc=25℃
MT5F12296
1/1
a
Sep.-09-'02
Sep.-09-'02


Similar Part No. - 2SK3530-01MR

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3530-01MR FUJI-2SK3530-01MR Datasheet
119Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3530-01MR FUJI-2SK3530-01MR_03 Datasheet
119Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - 2SK3530-01MR

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3683 FUJI-2SK3683 Datasheet
112Kb / 1P
   Fuji Power MOSFET SuperFAP-G series Target Specification
2SK3679 FUJI-2SK3679 Datasheet
30Kb / 1P
   Fuji Power MOSFET SuperFAP-G series Target Specification
2SK3674-01L FUJI-2SK3674-01L Datasheet
98Kb / 4P
   Power MOSFET SuperFAP-G series Target Specification
2SK3550-01R FUJI-2SK3550-01R Datasheet
32Kb / 1P
   Power MOSFET SuperFAP-G series Target
2SK1503-01 FUJI-2SK1503-01 Datasheet
2Mb / 10P
   Fuji power MOSFET Specification
2SK3875-01 FUJI-2SK3875-01 Datasheet
114Kb / 4P
   FUJI POWER MOSFET Super FAP-G Series
logo
Vitesse Semiconductor C...
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
   Target Specification
VSC9110 VITESSE-VSC9110 Datasheet
1Mb / 13P
   Target Specification
logo
Fuji Electric
1MBI150SH-140 FUJI-1MBI150SH-140 Datasheet
168Kb / 2P
   Tentative target specification
ESAC25M-02C FUJI-ESAC25M-02C Datasheet
1Mb / 4P
   FUJI SILICON DIODE SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com