Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAU8223 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NAU8223
Description  3.1W Stereo Filter-Free Class-D Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NAU8223 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NAU8223 Datasheet HTML 2Page - List of Unclassifed Manufacturers NAU8223 Datasheet HTML 3Page - List of Unclassifed Manufacturers NAU8223 Datasheet HTML 4Page - List of Unclassifed Manufacturers NAU8223 Datasheet HTML 5Page - List of Unclassifed Manufacturers NAU8223 Datasheet HTML 6Page - List of Unclassifed Manufacturers NAU8223 Datasheet HTML 7Page - List of Unclassifed Manufacturers NAU8223 Datasheet HTML 8Page - List of Unclassifed Manufacturers NAU8223 Datasheet HTML 9Page - List of Unclassifed Manufacturers NAU8223 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NAU8223Datasheet Rev 1.4
Page 6 of 23
August, 2013
Electrical Characteristics (continued)
Conditions: EN = VDD = 5V, VSS = 0V, Av = 12dB, ZL = ∞, Bandwidth = 20Hz to 22kHz, TA = 25
oC
Parameter
Symbol
Comments/Conditions
Min
Typ
Max
Units
Normal Operation
Quiescent Current Consumption
IQUI
VDD = 3.7V
2.1
mA
VDD = 5V
3.17
mA
Shut Down Current
IOFF
EN = 0
0.1
µA
Oscillator Frequency
fOSC
300
kHz
Efficiency
η
91
%
Start Up Time
Tstart
3.4
msec
Output Offset Voltage
VOS
±1
±4
mV
Common Mode Rejection Ratio
CMRR
fIN = 1kHz
80
dB
Click-and-Pop Suppression
Into Shutdown (ZL=8 )
A Weighted
-72
dBV
Power Supply Rejection Ratio
DC
PSRR
VDD = 2.5V to 5.5V
98
dB
AC
PSRR*
VRIPPLE =
0.2Vpp@217Hz**
VRIPPLE = 0.2Vpp@1KHz
VRIPPLE =
0.2Vpp@10KHz
87
74
54
dB
Channel Crosstalk
fIN = 1kHz,
ZL = 8
+ 68µH
-101
dB
*Measured with 0.1uF capacitor on V
DD and Battery supply
** Measured with 2.2uF input capacitor.
Parameter
Symbol
Comments/Conditions
Min
Typ
Max
Units
Noise Performance
Av = 0dB (A-weighted)
20
µVRMS
Av = 6dB (A-weighted)
21
Av = 12dB (A-weighted)
27
Av = 18dB (A-weighted)
36
Av = 24dB (A-weighted)
52
The following setup is used to measure the above parameters


Similar Part No. - NAU8223

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
NAU8223WG NUVOTON-NAU8223WG Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
NAU8223YG NUVOTON-NAU8223YG Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
More results

Similar Description - NAU8223

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU82011VG ETC2-NAU82011VG Datasheet
701Kb / 17P
   3.1W Mono Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU82011VG NUVOTON-NAU82011VG Datasheet
701Kb / 17P
   3.1W Mono Filter-Free Class-D Audio Amplifier
NAU8224 NUVOTON-NAU8224 Datasheet
759Kb / 27P
   3.1W Stereo Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
logo
List of Unclassifed Man...
NAU8224 ETC2-NAU8224 Datasheet
759Kb / 27P
   3.1W Stereo Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com