Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAU82028 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NAU82028
Description  3.1W Mono Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NAU82028 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NAU82028 Datasheet HTML 7Page - List of Unclassifed Manufacturers NAU82028 Datasheet HTML 8Page - List of Unclassifed Manufacturers NAU82028 Datasheet HTML 9Page - List of Unclassifed Manufacturers NAU82028 Datasheet HTML 10Page - List of Unclassifed Manufacturers NAU82028 Datasheet HTML 11Page - List of Unclassifed Manufacturers NAU82028 Datasheet HTML 12Page - List of Unclassifed Manufacturers NAU82028 Datasheet HTML 13Page - List of Unclassifed Manufacturers NAU82028 Datasheet HTML 14Page - List of Unclassifed Manufacturers NAU82028 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NAU82028 Datasheet Rev0.2
Page 11 of 19
Mar, 2013
5.1.1
2-Wire-Serial Control and Data Bus (I
2C Style Interface)
The serial interface provides a 2-wire bidirectional read/write data interface similar to and typically compatible with
standard I2C protocol. This protocol defines any device that sends CLK onto the bus as a master, and the receiving
device as slave. The NAU82028 can function only as a slave device.
An external clock drives the device, and in accordance with the protocol, data is sent to or from the device accordingly.
All functions are controlled by means of a register control interface in the device.
5.1.2
2-Wire Protocol Convention
All 2-Wire interface operations must begin with a START condition, which is a HIGH-to-LOW transition of SDA while
SCL is HIGH. All 2-Wire interface operations are terminated by a STOP condition, which is a LOW to HIGH transition
of SDA while SCL is HIGH. A STOP condition at the end of a read or write operation places the serial interface in
standby mode.
An acknowledge (ACK), is a software convention is used to indicate a successful data transfer. The transmitting device
releases the SDA bus after transmitting eight bits to allow for the ACK response. During the ninth clock cycle, the
receiver pulls the SDA line LOW to acknowledge the reception of the eight bits of data.
Following a START condition, the master must output a device address byte. This consists of a 7-bit device address, and
the LSB of the device address byte is the R/W (Read/Write) control bit. When R/W= 1, this indicates the master is
initiating a read operation from the slave device, and when R/W=0, the master is initiating a write operation to the slave
device. If the device address matches the address of the slave device, the slave will output an ACK during the period
when the master allows for the ACK signal.
STOP
SCL
SDA
START
START and STOP signals
9
8
1
2 ...7
Acknowledge
SCL
SDA
Not Acknowledge
Acknowledge and NOT Acknowledge
Device
Address Byte
Control
Address Byte
Data Byte
0
1
0
1
0
1
0
R/W
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Slave Address Byte, Control Address Byte, and Data Byte


Similar Part No. - NAU82028

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU82028 NUVOTON-NAU82028 Datasheet
1Mb / 19P
   3.1W Mono Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
NAU82028VG NUVOTON-NAU82028VG Datasheet
1Mb / 19P
   3.1W Mono Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
More results

Similar Description - NAU82028

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU82028 NUVOTON-NAU82028 Datasheet
1Mb / 19P
   3.1W Mono Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
NAU8224 NUVOTON-NAU8224 Datasheet
759Kb / 27P
   3.1W Stereo Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
logo
List of Unclassifed Man...
NAU8224 ETC2-NAU8224 Datasheet
759Kb / 27P
   3.1W Stereo Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
NAU82011VG ETC2-NAU82011VG Datasheet
701Kb / 17P
   3.1W Mono Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU82011VG NUVOTON-NAU82011VG Datasheet
701Kb / 17P
   3.1W Mono Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com