Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM610DA Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM610DA
Description  1.3A 36V PWM step down DC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM610DA Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM610DA_17 Datasheet HTML 1Page - ELM Technology Corporation ELM610DA_17 Datasheet HTML 2Page - ELM Technology Corporation ELM610DA_17 Datasheet HTML 3Page - ELM Technology Corporation ELM610DA_17 Datasheet HTML 4Page - ELM Technology Corporation ELM610DA_17 Datasheet HTML 5Page - ELM Technology Corporation ELM610DA_17 Datasheet HTML 6Page - ELM Technology Corporation ELM610DA_17 Datasheet HTML 7Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Rev.1.2
7 -
http://www.elm-tech.com
■Typical characteristics
0
4
8 12 16 20 24 28 32 36
0.4
0.8
1.2
1.6
2.0
2.4
Iout=1mA
10mA
100mA
1A
Vin (V)
Vout-Vin
• V=1.8V
0.1
1
10
100
1000
0
20
40
60
80
100
Vin=6V
Vin=12V
Vin=24V
Iout (mA)
EFFICIENCY-Iout
-40
-20
0
20
40
60
80
0.80
0.85
0.90
Top (�)
Vfb-Top
Vin=12V, Iout=0.1A
0.1
1
10
100
1000
1.6
1.8
2
Vin=24V
Vin=12V
Vin=6V
Iout (mA)
Vout-Iout
0 2 4 6 8 10 12 14 16 18 20
0
1
2
3
0
1
2
Time (ms)
Start Response
Vin=12V, No load
0
40
80
120
160
200
1.5
2
2.5
0
1
2
Time (ms)
Load Transient Response
Vin=12V, Iout=1mA�1A
• Vout=1.8V : Cin=330µF, Cout=330µF, L=22µH, R1=5.1kΩ, R2=4.3kΩ, Top=25°C
ELM610DA 1.3A 36V PWM step down DC/DC converter


Similar Part No. - ELM610DA_17

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM610DA-N ELM-TECH-ELM610DA-N Datasheet
755Kb / 7P
   1.3A 36V PWM step down DC/DC converter
More results

Similar Description - ELM610DA_17

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM610DA ELM-ELM610DA Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA Datasheet
755Kb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com