Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM852 Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM852
Description  150關A Low power CMOS operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM852 Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM852 Datasheet HTML 1Page - ELM Technology Corporation ELM852 Datasheet HTML 2Page - ELM Technology Corporation ELM852 Datasheet HTML 3Page - ELM Technology Corporation ELM852 Datasheet HTML 4Page - ELM Technology Corporation ELM852 Datasheet HTML 5Page - ELM Technology Corporation ELM852 Datasheet HTML 6Page - ELM Technology Corporation ELM852 Datasheet HTML 7Page - ELM Technology Corporation ELM852 Datasheet HTML 8Page - ELM Technology Corporation ELM852 Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev.1.1
http://www.elm-tech.com
4
10 -
ELM852xA common mode input voltage range is fixed under the condition of CMRR≥45dB; ELM852xA
is able to accept the input above its specification if the degradation of CMRR is not considered. Even if the
input voltage exceeds either positive or negative power voltage, troubles such as reverse of output will not
occur.
As maximum absolute rating, the input voltage is possible within (Vss-0.3)V to (Vdd+0.3)V.
1) Common mode input voltage range
■Note
When OP-AMP circuit is used with feedback resistor, oscillation may happen in the circuit with loop-gain
like unity gain follower.
a) When large feedback resistance is used, the phase margin is decreased by its combination with the
parasitic capacitance of the input part of OP-AMP. In this situation, please connect small capacitor in
parallel with feedback resistor as shown in fig-1.
b) For capacitive load, external resistor in series connection will be effective as shown in fig-2.
(RL=300 to 500Ω)
c) Being used as an unity gain follow, ELM852xA is able to drive capacitive load of 100pF directly without
oscillation.
2) Operation from single power source
ELM852xA is designed to be most suitable for single power source; therefore, ELM852xA is able to share
power supply with logic circuit one. Meanwhile, ELM852xA can also operate from double power sources.
To protect power supplies of ELM852xA and logic circuit from noise, please separate wire from power
supply and use decoupling (bypass) capacitor. Using the capacitor can improve PSRR characteristics,
especially on 10kHz to 100kHz or more.
3) Feedback
a) fig-1
b) fig-2
ELM852xA 150μA Low power CMOS operational amplifier


Similar Part No. - ELM852

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
More results

Similar Description - ELM852

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM832 ELM-TECH-ELM832 Datasheet
1Mb / 10P
   20關A Low power CMOS operational amplifier
ELM834 ELM-TECH-ELM834 Datasheet
1Mb / 10P
   40關A Low power CMOS dual operational amplifier
ELM822 ELM-TECH-ELM822 Datasheet
1Mb / 10P
   1.5關A Very low power CMOS operational amplifier
ELM854 ELM-TECH-ELM854 Datasheet
1Mb / 10P
   300關A Low power CMOS dual operational amplifier
ELM842 ELM-TECH-ELM842 Datasheet
1Mb / 10P
   140關A Low power class-A output CMOS operational amplifier
ELM824 ELM-TECH-ELM824 Datasheet
1Mb / 10P
   3.0關A Very low power CMOS dual operational amplifier
logo
ELM Electronics
ELM822-SERIES ELM-ELM822-SERIES Datasheet
908Kb / 9P
   1.5關A CMOS operational amplifier
logo
ELM Technology Corporat...
ELM844 ELM-TECH-ELM844 Datasheet
1Mb / 10P
   280關A Low power class-A output CMOS dual operational amplifier
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com