Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ40XIGX Datasheet(PDF) 6 Page - ELM Technology Corporation

Part # GD25LQ40XIGX
Description  1.8V Uniform Sector Dual and Quad Serial Flash
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

GD25LQ40XIGX Datasheet(HTML) 6 Page - ELM Technology Corporation

Back Button GD25LQ40XIGX Datasheet HTML 2Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 3Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 4Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 5Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 6Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 7Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 8Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 9Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 10Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ40xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Each device has
Each block has
Each sector has
Each page has
512K
64/32K
4K
256
bytes
2K
256/128
16
-
pages
128
16/8
-
-
sectors
8/16
-
-
-
blocks
3. MEMORY ORGANIZATION
Uniform Block Sector Architecture
Block
Sector
Address range
7
127
07F000H
07FFFFH
-----
-----
-----
112
070000H
070FFFH
6
111
06F000H
06FFFFH
-----
-----
-----
96
060000H
060FFFH
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
2
47
02F000H
02FFFFH
-----
-----
-----
32
020000H
020FFFH
1
31
01F000H
01FFFFH
-----
-----
-----
16
010000H
010FFFH
0
15
00F000H
00FFFFH
-----
-----
-----
0
000000H
000FFFH
GD25LQ40
GD25LQ40 64K Bytes Block Sector Architecture


Similar Part No. - GD25LQ40XIGX

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25LQ40 ELM-GD25LQ40 Datasheet
3Mb / 59P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ40C GIGADEVICE-GD25LQ40C Datasheet
4Mb / 28P
   MCU
GD25LQ40C GIGADEVICE-GD25LQ40C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ40CEEG GIGADEVICE-GD25LQ40CEEG Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ40CEFG GIGADEVICE-GD25LQ40CEFG Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25LQ40XIGX

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
GD25LQ64CXIGX ELM-TECH-GD25LQ64CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25LQ128 ELM-GD25LQ128 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ05C GIGADEVICE-GD25LQ05C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32D GIGADEVICE-GD25LQ32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ256D GIGADEVICE-GD25LQ256D Datasheet
1Mb / 85P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LR128D GIGADEVICE-GD25LR128D Datasheet
1Mb / 68P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LB128D GIGADEVICE-GD25LB128D Datasheet
1Mb / 75P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LE32D GIGADEVICE-GD25LE32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25QL32CXIGX ELM-GD25QL32CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32 ELM-GD25LQ32 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com