Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ40XIGX Datasheet(PDF) 9 Page - ELM Technology Corporation

Part # GD25LQ40XIGX
Description  1.8V Uniform Sector Dual and Quad Serial Flash
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

GD25LQ40XIGX Datasheet(HTML) 9 Page - ELM Technology Corporation

Back Button GD25LQ40XIGX Datasheet HTML 5Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 6Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 7Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 8Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 9Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 10Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 11Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 12Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 13Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ40xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Status Register Content
Memory Content
BP4 BP3 BP2 BP1 BP0
Blocks
Addresses
Density
Portion
×
×
0
0
0
0 to 7
000000H-07FFFFH
512KB
ALL
0
0
0
0
1
0 to 6
000000H-06FFFFH
448KB
Lower 7/8
0
0
0
1
0
0 to 5
000000H-05FFFFH
384KB
Lower 3/4
0
0
0
1
1
0 to 3
000000H-03FFFFH
256KB
Lower 1/2
0
1
0
0
1
1 to 7
010000H-07FFFFH
448KB
Upper 7/8
0
1
0
1
0
2 to 7
020000H-07FFFFH
384KB
Upper 3/4
0
1
0
1
1
4 to 7
040000H-07FFFFH
256KB
Upper 1/2
0
×
1
×
×
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 7
000000H-07EFFFH
508KB
Lower 127/128
1
0
0
1
0
0 to 7
000000H-07DFFFH
504KB
Lower 63/64
1
0
0
1
1
0 to 7
000000H-07BFFFH
496KB
Lower 31/32
1
0
1
0
×
0 to 7
000000H-077FFFH
480KB
Lower 15/16
1
0
1
1
0
0 to 7
000000H-077FFFH
480KB
Lower 15/16
1
1
0
0
1
0 to 7
001000H-07FFFFH
508KB
Upper 127/128
1
1
0
1
0
0 to 7
002000H-07FFFFH
504KB
Upper 63/64
1
1
0
1
1
0 to 7
004000H-07FFFFH
496KB
Upper 31/32
1
1
1
0
×
0 to 7
008000H-07FFFFH
480KB
Upper 15/16
1
1
1
1
0
0 to 7
008000H-07FFFFH
480KB
Upper 15/16
1
×
1
1
1
NONE
NONE
NONE
NONE
Table 1a. GD25LQ40 Protected area size (CMP=1)


Similar Part No. - GD25LQ40XIGX

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25LQ40 ELM-GD25LQ40 Datasheet
3Mb / 59P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ40C GIGADEVICE-GD25LQ40C Datasheet
4Mb / 28P
   MCU
GD25LQ40C GIGADEVICE-GD25LQ40C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ40CEEG GIGADEVICE-GD25LQ40CEEG Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ40CEFG GIGADEVICE-GD25LQ40CEFG Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25LQ40XIGX

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
GD25LQ64CXIGX ELM-TECH-GD25LQ64CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25LQ128 ELM-GD25LQ128 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ05C GIGADEVICE-GD25LQ05C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32D GIGADEVICE-GD25LQ32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ256D GIGADEVICE-GD25LQ256D Datasheet
1Mb / 85P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LR128D GIGADEVICE-GD25LR128D Datasheet
1Mb / 68P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LB128D GIGADEVICE-GD25LB128D Datasheet
1Mb / 75P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LE32D GIGADEVICE-GD25LE32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25QL32CXIGX ELM-GD25QL32CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32 ELM-GD25LQ32 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com