Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB10S Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MB10S
Description  SURFACE MOUNT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MB10S Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MB10S Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MB10S Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Surge Current Capability
Glass Passivated Die Construction
Designed for Surface Mount Application
MIL-STD-202, Method 208
Characteristic
Symbo
MB05S
MB1S
MB2S
MB4S
MB6S
MB10S
Unit
Features
!
!
Low Forward Voltage Drop
!
High Current Capability
!
-
+
!
~
~
!
Plastic Material – UL Flammability 94V-O
                 
A
Mechanical Data
J
!
Case: MB-S, Molded Plastic
!
MIL-STD-202, Method 208
!
Polarity: As Marked on Case
!
Weight: 0.22 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TA = 40°C
Average Rectified Output Current (Note 2) @TA = 40°C
IO
0.5
0.8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
I2t Rating for Fusing (t < 8.3ms)
I2t5.0
A2s
Forward Voltage per element
@IF = 0.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per leg (Note 3)
Cj
13
pF
Typical Thermal Resistance per leg (Note 1)
RJA
RJL
70
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm2 solder pad.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
MB-S
Dim
Min
Max
A
4.50
4.95
B
3.60
4.10
C
0.15
0.35
D
E
G
H
1.30
1.70
J
2.30
2.70
K
2.30
2.70
L
All Dimensions in mm
6.40
7.00
!
Lead Free: For RoHS / Lead Free Version,
Terminals: Plated Leads Solderable per
K
B
G
http://www.trr-jx.com
MB05S – MB10S
SURFACE MOUNT BRIDGE RECTIFIERS
H
C
L
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
MB-S
Maximum Ratings and Electrical Characteristics
D
E
0.50
1.10
0.60
0.80
0.20
F
3.00


Similar Part No. - MB10S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10S MCC-MB10S Datasheet
51Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
AiT Semiconductor Inc.
MB10S AITSEMI-MB10S Datasheet
528Kb / 6P
   BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
logo
Microdiode Electronics ...
MB10S CHENDA-MB10S Datasheet
668Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
MB10S BILIN-MB10S Datasheet
166Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Jinan Jing Heng Electro...
MB10S JINGHENG-MB10S Datasheet
51Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - MB10S

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
RMB2S SSC-RMB2S Datasheet
190Kb / 3P
   Surface Mount Bridge Rectifiers
logo
Bruckewell Technology L...
DF005S BWTECH-DF005S Datasheet
232Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
RMB2F JUXING-RMB2F Datasheet
670Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
MB05F_GW JUXING-MB05F_GW Datasheet
820Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DBS05 JUXING-DBS05 Datasheet
961Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DB151S JUXING-DB151S Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
   Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
   Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
MB0405F JUXING-MB0405F Datasheet
970Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
UMB05F JUXING-UMB05F_17 Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UMB05F CHENDA-UMB05F Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com