Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1392 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1392
Description  Integrated Circuit Audio Power Amp, 7W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1392 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1392 Datasheet HTML 1Page - NTE Electronics NTE1392 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1392 & NTE1393
Integrated Circuit
Audio Power Amp, 7W
Description:
The NTE1392 and NTE1393 are class B power amplifiers in a 10–Lead SIP type package designed
especially for home tpe stereo amplifiers. These devices provide an output power of 5W at 19V, and
also 7W at 22V to an 8
Ω load with 10% distortion.
Features:
D Available in Two Different Pin Configurations:
Normal – NTE1392
Reverse – NTE1393
D High Output Power: 7W Typ (VCC = 22V, RL = 8Ω, THD = 10%)
D Wide Range of Supply Voltage: 5V to 30V
D Very Low Harmonic and Crossover Distortion
D Thermal Shut–Down Circuit Provided
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IO
3.75A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +78°C), PT
7.2W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
10
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 22V, RL = 8Ω unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Output Voltage
VQ
10
11
12
V
Quiescent Current Drain
IQ
9
20
mA
Input Bias Current
IB
1
µA
Output Power
POUT
THD = 10&, f = 1kHz
5.8
7.0
W
Total Harmonic Distortion
THD
POUT = 0.5W, f = 1kHz
0.06
0.8
%
Voltage Gain (Open Loop)
GV(OL) f = 1kHz
75
dB
Voltage Gain (Closed Loop)
GV
f = 1kHz
39
42
45
dB
Noise Output
WBN
Rg = 10kΩ, f = 20Hz to 20kHz
0.3
1.5
mV
Input Resistance
Rin
f = 1kHz
100
k
Frequency Response (–3dB)
BW
C106 = 330pF, ∆GV = –3dB
60 to 30k
Hz
Supply Voltage Rejection Ratio
SVR
fripple = 100Hz, Rg = 600
38
45
dB
Power Band Width (–3dB)
PBW
C106 = 330pF
40 to 70k
Hz


Similar Part No. - NTE1392

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1391 NTE-NTE1391 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1394 NTE-NTE1394 Datasheet
24Kb / 2P
   5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
   Integrated Circuit 20W Bridge Booster for Car Radio
More results

Similar Description - NTE1392

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
   Integrated Circuit Audio Power Amplifier, 7W
NTE1218 NTE-NTE1218 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 7W/Ch
NTE1606 NTE-NTE1606 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 4W to 7W
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1228 NTE-NTE1228 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1110 NTE-NTE1110 Datasheet
82Kb / 3P
   Integrated Circuit Audio Power Amp, 2W
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 1.5W
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
   Integrated Circuit Audio Power Amp, 5.8W
NTE740A NTE-NTE740A Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amp, 2W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com