Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3018W-SOT323 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SK3018W-SOT323
Description  N-channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SK3018W-SOT323 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SK3018W-SOT323 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SK3018W-SOT323 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SK3018W-SOT323 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low on-resistance
Fast switching speed
Low voltage drive makes this device ideal for portable equipment
Easily designed drive circuits
Easy to parallel
Equivalent circuit
MOSFET MAXIMUM RATINGS (Ta = 25°C unless otherwise noted)
Symbol
Parameter
Value
Units
VDS
Drain-Source voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
0.1
A
PD
Power Dissipation
0.2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
RθJA
Thermal Resistance
from Junction to Ambient
625
℃ /W
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Off Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS VGS = 0V, ID = 10µA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS =30V,VGS = 0V
0.2
µA
Gate –Source leakage current
IGSS
VGS =
±20V, VDS = 0V
±500
nA
Gate Threshold Voltage
VGS(th)
VDS = 3V, ID =100µA
0.8
1.5
V
VGS = 4V, ID =10mA
8
Drain-Source On-Resistance
RDS(on)
VGS =2.5V,ID =1mA
13
Forward Transconductance
gFS
VDS =3V, ID = 10mA
20
mS
Dynamic Characteristics
*
Input Capacitance
Ciss
13
pF
Output Capacitance
Coss
9
pF
Reverse Transfer Capacitance
Crss
VDS =5V,VGS =0V,f =1MHz
4
pF
Switching Characteristics
*
Turn-On Delay Time
td(on)
15
ns
Rise Time
tr
35
ns
Turn-Off Delay Time
td(off)
80
ns
Fall Time
tf
VGS =5V, VDD =5V,
ID =10mA, R
g=10Ω, RL=500Ω
80
ns
MOSFET ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise noted)
*These parameters have no way to verify.
2SK3018W
N-channel MOSFET
Marking
KN
Drain
Gate
Gate
Protection
Diode
Source
Marking
1
2
3
1.GATE
2.SOURCE
3.DRAIN
Simplified outline(SOT-323)
www.yfwdiode.com


Similar Part No. - 2SK3018W-SOT323

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SK3018W WEITRON-2SK3018W Datasheet
731Kb / 5P
   N-Channel POWER MOSFET
logo
Foshan Blue Rocket Elec...
2SK3018W FOSHAN-2SK3018W Datasheet
1Mb / 6P
   N-Channel MOSFET in a SOT-323 Plastic Package
logo
DONGGUAN YOU FENG WEI E...
2SK3018W YFWDIODE-2SK3018W Datasheet
560Kb / 3P
   N-channel MOSFET
logo
SHIKUES Electronics
2SK3018W SKTECHNOLGY-2SK3018W Datasheet
427Kb / 2P
   N-channel MOSFET
logo
Shanghai Leiditech Elec...
2SK3018W LEIDITECH-2SK3018W Datasheet
1Mb / 3P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - 2SK3018W-SOT323

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com