Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10711 Datasheet(PDF) 1 Page - Cree, Inc

Part # C10711
Description  Cute series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C10711 Datasheet(HTML) 1 Page - Cree, Inc

  C10711 Datasheet HTML 1Page - Cree, Inc C10711 Datasheet HTML 2Page - Cree, Inc C10711 Datasheet HTML 3Page - Cree, Inc C10711 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATASHEET
Cute series
last update 26/6/2013
DETAILS
Product Number
C10711_CUTE-3-M
Family
Cute
Type
Lens array
Color
clear
Diameter
35 mm
Height
15 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, glue
Status
production ready
ROHS Comliant
Yes
Date Updated
26/06/2013
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Platinum Dragon
28 deg
Medium
-
-
-
July 10th 2017 8:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10711

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10711 LEDIL-C10711 Datasheet
1Mb / 4P
   ~25째 medium beam with 1.5 mm high location pins.
More results

Similar Description - C10711

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10712 CREE-C10712 Datasheet
268Kb / 4P
   Cute series
C10813 CREE-C10813 Datasheet
311Kb / 3P
   Cute series
C11334 CREE-C11334 Datasheet
829Kb / 14P
   Cute series
C10812 CREE-C10812 Datasheet
310Kb / 3P
   Cute series
C10756 CREE-C10756 Datasheet
1Mb / 28P
   Cute series
C10754 CREE-C10754 Datasheet
1Mb / 22P
   Cute series
C11333 CREE-C11333 Datasheet
1Mb / 18P
   Cute series
C10710 CREE-C10710 Datasheet
262Kb / 4P
   Cute series
C10755 CREE-C10755 Datasheet
1Mb / 17P
   Cute series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com