Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E8213 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W79E8213
Description  8-bit 4T-8051 microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W79E8213 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W79E8213 Datasheet HTML 3Page - List of Unclassifed Manufacturers W79E8213 Datasheet HTML 4Page - List of Unclassifed Manufacturers W79E8213 Datasheet HTML 5Page - List of Unclassifed Manufacturers W79E8213 Datasheet HTML 6Page - List of Unclassifed Manufacturers W79E8213 Datasheet HTML 7Page - List of Unclassifed Manufacturers W79E8213 Datasheet HTML 8Page - List of Unclassifed Manufacturers W79E8213 Datasheet HTML 9Page - List of Unclassifed Manufacturers W79E8213 Datasheet HTML 10Page - List of Unclassifed Manufacturers W79E8213 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
W79E8213/W79E8213R Data Sheet
-7-
5.
PIN DESCRIPTIONS
SYMBOL
ALTERNATE
FUNCTION 1
ALTERNATE
FUNCTION 2
ALTERNATE
FUNCTION 3
ALTERNATE
FUNCTION 4
(ICP MODE)
TYPE
DESCRIPTION
VDD
P
POWER SUPPLY: Supply voltage
for operation.
VSS
P
GROUND: Ground potential.
P0.0
AD6
PWM3
I/O
Port0:
Support 4 output modes and
TTL/Schmitt trigger.
Multifunction pins for T1, PWM0,
PWM3, BRAKE, AD0-7, Data
and Clock (for ICP).
P0.1
AD5
PWM0
I/O
P0.2
AD4
BRAKE
I/O
P0.3
AD0
I/O
P0.4
AD1
Data
I/O
P0.5
AD2
Clock
I/O
P0.6
AD3
I/O
P0.7
AD7
T1
I/O
P1.0
BUZ
ED0
I/O
Port1:
Support 4 output modes and
TTL/Schmitt trigger (except for
P1.5 input only).
Multifunction pins for /RST, T0,
/INT0-1, BUZ, PWM1-2, ED0-2,
STADC, and HV (for ICP).
P1.0-P1.7 have 40mA high sink
capability.
P1.1
ED1
I/O
P1.2
ED2
T0
I/O
P1.3
/INT0
I/O
P1.4
STADC
/INT1
I/O
P1.5
ST
R
HV
I
P1.6
PWM1
I/O
P1.7
PWM2
I/O
P2.0
XTAL2/CLKOUT
I/O
CRYSTAL2: This is the crystal
oscillator
output.
It
is
the
inversion
of
XTAL1.
Also
a
configurable i/o pin.
When
operating
as
I/O,
it
supports 4 output modes and
TTL/Schmitt trigger.
P2.1
XTAL1
I/O
CRYSTAL1: This is the crystal
oscillator input. This pin may be
driven by an external clock or
configurable I/O pin.
When
operating
as
I/O,
it
supports 4 output modes and
TTL/Schmitt trigger.
* TYPE: P: power, I: input, O: output, I/O: bi-directional, H: pull-high, L: pull-low, D: open-drain.
Table 5-1: Pin Description
Note:
On power-on-reset, all port pins will be tri-stated.
After power-on-reset, all port pins state will follow CONFIG0.PRHI bit definition.


Similar Part No. - W79E8213

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79E8213 NUVOTON-W79E8213 Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
W79E8213AKG NUVOTON-W79E8213AKG Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
W79E8213ASG NUVOTON-W79E8213ASG Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
W79E8213R NUVOTON-W79E8213R Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
W79E8213RAKG NUVOTON-W79E8213RAKG Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
More results

Similar Description - W79E8213

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ML51 NUVOTON-ML51_V01 Datasheet
2Mb / 164P
   1T 8051 8-bit Microcontroller
N78E366A NUVOTON-N78E366A Datasheet
3Mb / 136P
   Nuvoton 8-bit 8051-based Microcontroller
N78E059A NUVOTON-N78E059A Datasheet
3Mb / 138P
   Nuvoton 8-bit 8051-based Microcontroller
N78E517A NUVOTON-N78E517A Datasheet
4Mb / 141P
   Nuvoton 8-bit 8051-based Microcontroller
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com