Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHRF9UG3993-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG3993-PF
Description  DUAL COLOR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG3993-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LHRF9UG3993-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Solder Resistance
Test
Thermal Shock Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
PART NO. LHRF9UG3993-PF
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Operating Life Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Reliability Test:
Test Item
Test Condition
Page 6/6
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
Description
Reference
Standard


Similar Part No. - LHRF9UG3993-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG3362-PF LIGITEK-LHRF9UG3362-PF Datasheet
125Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRF9UG3392-P1-PF-TBS-8 LIGITEK-LHRF9UG3392-P1-PF-TBS-8 Datasheet
150Kb / 8P
   DURL COLOR LED LAMPS
LHRF9UG3392-PF LIGITEK-LHRF9UG3392-PF Datasheet
126Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3392-R1-PF LIGITEK-LHRF9UG3392-R1-PF Datasheet
217Kb / 10P
   DURL COLOR LED LAMPS
LHRF9UG3393-PF LIGITEK-LHRF9UG3393-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
More results

Similar Description - LHRF9UG3993-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRFUG3992-A-PF LIGITEK-LHRFUG3992-A-PF Datasheet
164Kb / 8P
   DUAL COLOR TYPE LED LAMPS
LHY2092-R1 LIGITEK-LHY2092-R1 Datasheet
124Kb / 6P
   DUAL COLOR TYPE LED LAMPS
LHRFSBKS42293-PF LIGITEK-LHRFSBKS42293-PF Datasheet
122Kb / 7P
   DUAL COLOR TYPE LED LAMPS
LHY2092-S94-PF LIGITEK-LHY2092-S94-PF Datasheet
147Kb / 7P
   DUAL COLOR TYPE LED LAMPS
LHRFSBKS2093 LIGITEK-LHRFSBKS2093 Datasheet
123Kb / 6P
   DUAL COLOR TYPE LED LAMPS
logo
Rohm
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
   Dual-Color Type 3.1 Circular Type LED Lamps
SPR-54 ROHM-SPR-54 Datasheet
107Kb / 3P
   Dual-Color Type 5.0 Circular Type LED Lamps
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com