Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHY9UG2093-S133-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHY9UG2093-S133-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHY9UG2093-S133-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHY9UG2093-S133-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHY9UG2093-S133-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHY9UG2093-S133-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHY9UG2093-S133-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHY9UG2093-S133-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHY9UG2093-S133-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHY9UG2093-S133-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3.0
2.5
1.5
1.0
0.5
0.0
2.0
Fig.4 Relative Intensity vs. Temperature
550
Wavelength (nm)
500
0.0
0.5
600
650
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-40
0.8
-20
1.0
0.9
1.1
1.2
20
0
60
40
100
80
100
20
Ambient Temperature(
)
-20
-40
0
60
40
80
3.0
2.5
2.0
1.5
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Typical Electro-Optical Characteristics Curve
PART NO.
1.5
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
100
1.0
0.1
1.0
10
HY CHIP
1000
2.0
2.5
3.0
3/6
Page
1000
Forward Current(mA)
1.0
10
100
LHY9UG2093/S133-PF


Similar Part No. - LHY9UG2093-S133-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHY9UG3392-PF LIGITEK-LHY9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG42462-S2-PF LIGITEK-LHY9UG42462-S2-PF Datasheet
129Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LHY9UG2093-S133-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com