Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHYS9UG2092-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LHYS9UG2092-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYS9UG2092-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LHYS9UG2092-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHYS9UG2092-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHYS9UG2092-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYS9UG2092-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYS9UG2092-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYS9UG2092-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYS9UG2092-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LHYS9UG2092-PF
PART NO.
Page 5/6
2.Wave Soldering Profile
Temp(
°C)
260
°C3sec Max
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
5
°/sec
max
100
150
Time(sec)
120°
Preheat
50
25°
0
60 Seconds Max
2
°/sec
max
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
260°
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LHYS9UG2092-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2-PF LIGITEK-LHYS9UG42462-S2-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S9-PF LIGITEK-LHYS9UG42462-S9-PF Datasheet
125Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHYS9UG9553-R9-B01 LIGITEK-LHYS9UG9553-R9-B01 Datasheet
317Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LHYS9UG2092-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com