Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37M608 Datasheet(PDF) 8 Page - SMSC Corporation

Part # FDC37M608
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M608 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button FDC37M608 Datasheet HTML 4Page - SMSC Corporation FDC37M608 Datasheet HTML 5Page - SMSC Corporation FDC37M608 Datasheet HTML 6Page - SMSC Corporation FDC37M608 Datasheet HTML 7Page - SMSC Corporation FDC37M608 Datasheet HTML 8Page - SMSC Corporation FDC37M608 Datasheet HTML 9Page - SMSC Corporation FDC37M608 Datasheet HTML 10Page - SMSC Corporation FDC37M608 Datasheet HTML 11Page - SMSC Corporation FDC37M608 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 182 page
background image
8
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
PARALLEL PORT INTERFACE (17)
68:75
Parallel Port Data Bus
8
PD[0:7]
IO24
66
Printer Select
1
nSLCTIN
OD24/O24
67
Initiate Output
1
nINIT
OD24/O24
83
Auto Line Feed
1
nALF
OD24/O24
82
Strobe Signal
1
nSTROBE
OD24/O24
81
Busy Signal
1
BUSY
I
77
Acknowledge Handshake
1
nACK
I
80
Paper End
1
PE
I
79
Printer Selected
1
SLCT
I
78
Error at Printer
1
nERROR
I
KEYBOARD/MOUSE INTERFACE (6)
59
Keyboard Data
1
KDAT
IOD16P
58
Keyboard Clock
1
KCLK
IOD16P
57
Mouse Data
1
MDAT
IOD16P
56
Mouse Clock
1
MCLK
IOD16P
64
Keyboard Reset
1
KBDRST
(Note 3)
O4
63
Gate A20
1
A20M
O4
Note 1:
For 12 bit addressing, SA0:SA11 only, nCS should be tied to GND. For 16 bit external
address qualification, address bits SA11:SA15 can be "ORed" together and applied to nCS.
The nCS pin functions as SA11 in full 16 bit Internal Address Qualification Mode. CR24.6
controls the FDC37M60x addressing modes.
Note 2:
The "n" as the first letter of a signal name indicates an "Active Low" signal.
Note 3:
KBDRST is active low.
Buffer Type Descriptions
I
Input, TTL compatible.
IS
Input with Schmitt trigger.
IOD16P
Input/Output, 16mA sink, 90uA pull-up.
IO24
Input/Output, 24mA sink, 12mA source.
IO4
Input/Output, 4mA sink, 2mA source.
O4
Output, 4mA sink, 2mA source.
O24
Output, 24mA sink, 12mA source.
OD24
Output, Open Drain, 24mA sink.
ICLK
Clock Input


Similar Part No. - FDC37M608

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
More results

Similar Description - FDC37M608

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com