Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M058S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # M058S
Description  32-bit Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M058S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button M058S Datasheet HTML 7Page - List of Unclassifed Manufacturers M058S Datasheet HTML 8Page - List of Unclassifed Manufacturers M058S Datasheet HTML 9Page - List of Unclassifed Manufacturers M058S Datasheet HTML 10Page - List of Unclassifed Manufacturers M058S Datasheet HTML 11Page - List of Unclassifed Manufacturers M058S Datasheet HTML 12Page - List of Unclassifed Manufacturers M058S Datasheet HTML 13Page - List of Unclassifed Manufacturers M058S Datasheet HTML 14Page - List of Unclassifed Manufacturers M058S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
NuMicro M058S Series Datasheet
Nov. 27, 2014
Page 11 of 72
Rev.1.03
3
ABBREVIATIONS
3.1 List of Abbreviations
Acronym
Description
ADC
Analog-to-Digital Converter
APB
Advanced Peripheral Bus
AHB
Advanced High-Performance Bus
BOD
Brown-out Detection
FIFO
First In, First Out
FMC
Flash Memory Controller
GPIO
General-Purpose Input/Output
HCLK
The Clock of Advanced High-Performance Bus
HIRC
22.1184 MHz Internal High Speed RC Oscillator
HXT
4~24 MHz External High Speed Crystal Oscillator
IAP
In Application Programming
ICP
In Circuit Programming
ISP
In System Programming
LDO
Low Dropout Regulator
LIRC
10 kHz internal low speed RC oscillator (LIRC)
NVIC
Nested Vectored Interrupt Controller
PCLK
The Clock of Advanced Peripheral Bus
PLL
Phase-Locked Loop
PWM
Pulse Width Modulation
SPI
Serial Peripheral Interface
SPS
Samples per Second
TMR
Timer Controller
UART
Universal Asynchronous Receiver/Transmitter
UCID
Unique Customer ID
WDT
Watchdog Timer
WWDT
Window Watchdog Timer
Table 3.1-1 List of Abbreviations


Similar Part No. - M058S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M058S NUVOTON-M058S Datasheet
2Mb / 72P
   ARM Cortex짰-M0 32-bit Microcontroller
logo
List of Unclassifed Man...
M058SFAN ETC2-M058SFAN Datasheet
2Mb / 72P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M058SFAN NUVOTON-M058SFAN Datasheet
2Mb / 72P
   ARM Cortex짰-M0 32-bit Microcontroller
M058SFN NUVOTON-M058SFN Datasheet
2Mb / 72P
   ARM Cortex짰-M0 32-bit Microcontroller
logo
List of Unclassifed Man...
M058SLAN ETC2-M058SLAN Datasheet
2Mb / 72P
   32-bit Microcontroller
More results

Similar Description - M058S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com