Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M052LDE Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # M052LDE
Description  32-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M052LDE Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button M052LDE Datasheet HTML 6Page - List of Unclassifed Manufacturers M052LDE Datasheet HTML 7Page - List of Unclassifed Manufacturers M052LDE Datasheet HTML 8Page - List of Unclassifed Manufacturers M052LDE Datasheet HTML 9Page - List of Unclassifed Manufacturers M052LDE Datasheet HTML 10Page - List of Unclassifed Manufacturers M052LDE Datasheet HTML 11Page - List of Unclassifed Manufacturers M052LDE Datasheet HTML 12Page - List of Unclassifed Manufacturers M052LDE Datasheet HTML 13Page - List of Unclassifed Manufacturers M052LDE Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 10 of 86
Rev 1.03
I
2C
Up to two sets of I
2C modules
Supports Master/Slave mode
Bidirectional data transfer between master and slave
Multi-master bus (no central master)
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer
Programmable clocks allow versatile rate control
Supports multiple address recognition (four slave addresses with mask option)
ADC
12-bit SAR ADC
Up to 8-ch single-ended input or 4-ch differential input
Supports Single mode/Burst mode/Single-cycle Scan mode/Continuous Scan mode
Su
pports 2’ complement/un-signed format in differential mode conversion results
Each channel with an individual result register
Supports conversion value monitoring (or comparison) for threshold voltage detection
Conversion started either by software trigger or external pin trigger
A/D conversion started by PWM center-aligned trigger or edge-aligned trigger
PWM trigger delay function
Supports conversion result with signed format in Differential input and Burst mode
Analog Comparator
Up to four sets of Comparator analog modules
External input or internal band-gap voltage selectable at negative node
Interrupt when compared results change
Power-down wake-up
EBI (External Bus Interface) for external memory-mapped device access
Accessible space: 64 KB in 8-bit mode or 128 KB in 16-bit mode
Supports 8-bit or 16-bit data width
Supports byte-write in 16-bit data width
ISP (In-System Programming) and ICP (In-Circuit Programming)
IAP (In-Application Programming)
One built-in temperature sensor with 1℃ resolution
BOD (Brown-out Detector)
With 4 levels: 4.4V/3.7V/2.7V/2.2V
Supports Brown-out interrupt and reset option
96-bit unique ID
LVR (Low Voltage Reset)
Threshold voltage level: 2.0V
Operating Temperature:


Similar Part No. - M052LDE

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M052LDE NUVOTON-M052LDE Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
M052LDE NUVOTON-M052LDE Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Similar Description - M052LDE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com