Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81C17 Datasheet(PDF) 7 Page - SMSC Corporation

Part # 81C17
Description  TWENTY PIN UART (TPUART)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

81C17 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button 81C17 Datasheet HTML 3Page - SMSC Corporation 81C17 Datasheet HTML 4Page - SMSC Corporation 81C17 Datasheet HTML 5Page - SMSC Corporation 81C17 Datasheet HTML 6Page - SMSC Corporation 81C17 Datasheet HTML 7Page - SMSC Corporation 81C17 Datasheet HTML 8Page - SMSC Corporation 81C17 Datasheet HTML 9Page - SMSC Corporation 81C17 Datasheet HTML 10Page - SMSC Corporation 81C17 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
THE ON CHIP BAUD RATE GENERATOR
The TPUART incorporates an on chip Baud
Rate Generator that can be programmed to
generate sixteen of the most popular baud rates.
The TPUART also allows the bypassing of the
Baud Rate Generator by programming Mode
Register bit 3 to accept a 16X external clock.
The Baud Rate Generator will not assume any
given baud rate upon power up, therefore it
must be programmed as desired. The following
chart is based on a 5.0688 MHz CLOCK
frequency.
Table 2 - 16X CLOCK
Clock Frequency = 5.0688 MHz
Baud Rate
Select Register
Baud
Rate
Theoretical
Frequency
16X Clock
Actual
Frequency
16X Clock
Percent
Error
Duty
Cycle %
Divisor
D3
D2
D1
D0
0
0
0
0
50
0.8 kHz
0.8 kHz
50/50
6336
0
0
0
1
110
1.76
1.76
50/50
2880
0
0
1
0
134.5
2.152
2.1523
0.016
50/50
2356
0
0
1
1
150
2.4
2.4
50/50
2112
0
1
0
0
300
4.8
4.8
50/50
1056
0
1
0
1
600
9.6
9.6
50/50
528
0
1
1
0
1200
19.2
19.2
50/50
264
0
1
1
1
1800
28.8
28.8
50/50
176
1
0
0
0
2000
32.0
32.081
0.253
50/50
158
1
0
0
1
2400
38.4
38.4
50/50
132
1
0
1
0
3600
57.6
57.6
50/50
88
1
0
1
1
4800
76.8
76.8
50/50
66
1
1
0
0
7200
115.2
115.2
50/50
44
1
1
0
1
9600
153.6
153.6
48/52
33
1
1
1
0
19.200
307.2
316.8
3.125
50/50
16
1
1
1
1
38.400
614.4
633.6
3.125
50/50
8


Similar Part No. - 81C17

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
81C55 OKI-81C55 Datasheet
156Kb / 19P
   2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
logo
Intersil Corporation
81C55 INTERSIL-81C55 Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
81C56 INTERSIL-81C56 Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
logo
International Rectifier
81CNQ IRF-81CNQ Datasheet
125Kb / 6P
   SCHOTTKY RECTIFIER 80 Amp
logo
Sangdest Microelectroni...
81CNQ SMC-81CNQ Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
More results

Similar Description - 81C17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5252 PHILIPS-SAA5252 Datasheet
203Kb / 20P
   Line twenty-one acquisition and display LITOD
1996 Jul 18
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
   28 mm Diameter Twenty-One Turn Dial
Revision: 10-Jul-12
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
   BMS Transceiver IC - UART toiso UART
2020-05-20
logo
Actel Corporation
MC-ACT-UARTF ACTEL-MC-ACT-UARTF Datasheet
136Kb / 6P
   FastUART
logo
IMP, Inc
EI16C550 IMP-EI16C550 Datasheet
44Kb / 2P
   FIFO UART
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
RF Monolithics, Inc
IC1003 RFM-IC1003 Datasheet
572Kb / 11P
   RF Uart
logo
IMP, Inc
EI16C554 IMP-EI16C554 Datasheet
29Kb / 1P
   QUAD UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com