Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3640H393MDGWCTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C3640H393MDGWCTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C3640H393MDGWCTU Datasheet(HTML) 5 Page - Kemet Corporation

  C3640H393MDGWCTU Datasheet HTML 1Page - Kemet Corporation C3640H393MDGWCTU Datasheet HTML 2Page - Kemet Corporation C3640H393MDGWCTU Datasheet HTML 3Page - Kemet Corporation C3640H393MDGWCTU Datasheet HTML 4Page - Kemet Corporation C3640H393MDGWCTU Datasheet HTML 5Page - Kemet Corporation C3640H393MDGWCTU Datasheet HTML 6Page - Kemet Corporation C3640H393MDGWCTU Datasheet HTML 7Page - Kemet Corporation C3640H393MDGWCTU Datasheet HTML 8Page - Kemet Corporation C3640H393MDGWCTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1035_C0G_PULSE_SMD • 8/2/2016
5
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Pulse Discharge, High Voltage, High Temperature 200°C C0G Dielectric, 1,000 VDC – 3,500 VDC (Industrial Grade)
Table 1 – Pulse Discharge Series, Capacitance Range Waterfall
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.
Capacitance
Cap
Code
Case Size/
Series
C2824H
C3040H
C3640H
C4540H
Voltage Code
D
U
G
H
V
D
U
G
H
V
D
U
G
H
V
D
U
G
H
V
Dielectric Withstanding
Voltage (DWV)
Working Voltage
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1,800 pF
182
J
K
M
2,000 pF
202
J
K
M
2,200 pF
222
J
K
M
TA
TA
TA
TA
TA
2,700 pF
272
J
K
M
TA
TA
TA
TA
TA
3,300 pF
332
J
K
M
TA
TA
TA
TA
TA
QB
QB
QB
QB
QB
3,900 pF
392
J
K
M
TA
TA
TA
TA
TB
QB
QB
QB
QB
QB MA MA MA MA MA
4,700 pF
472
J
K
M
TA
TA
TA
TB
TB
QB
QB
QB
QB
QB MA MA MA MA MA SA
SA
SA
SA
SA
5,600 pF
562
J
K
M
TA
TA
TA
TB
TC
QB
QB
QB
QB
QB MA MA MA MA MA SA
SA
SA
SA
SA
6,800 pF
682
J
K
M
TA
TA
TA
TB
QB
QB
QB
QB
QC MA MA MA MA MA SA
SA
SA
SA
SA
8,200 pF
822
J
K
M
TA
TA
TA
TC
QB
QB
QB
QC
QC MA MA MA MA MB
SA
SA
SA
SA
SA
10,000 pF
103
J
K
M
TA
TA
TA
QB
QB
QB
QC
QD MA MA MA MA MB
SA
SA
SA
SA
SB
12,000 pF
123
J
K
M
TA
TA
TA
QB
QB
QB
QD
MA MA MA MB MB
SA
SA
SA
SA
SB
15,000 pF
153
J
K
M
TA
TA
TB
QB
QB
QB
QD
MA MA MA MB MC SA
SA
SA
SB
SB
18,000 pF
183
J
K
M
TA
TA
TB
QB
QB
QB
MA MA MA MC
SA
SA
SA
SB
SC
22,000 pF
223
J
K
M
TA
TB
TC
QB
QB
QC
MA MA MA
SA
SA
SA
SB
27,000 pF
273
J
K
M
TA
TB
QB
QB
QC
MA MA MA
SA
SA
SA
SC
33,000 pF
333
J
K
M
TB
TB
QB
QC
QC
MA MA MB
SA
SA
SA
39,000 pF
393
J
K
M
TB
TC
QB
QC
QD
MA MA MB
SA
SA
SB
47,000 pF
473
J
K
M
TB
QB
QC
MA MB MC
SA
SA
SB
56,000 pF
563
J
K
M
TC
QC
QD
MA MB
SA
SA
SB
68,000 pF
683
J
K
M
QC
QD
MB MC
SA
SB
SC
82,000 pF
823
J
K
M
QC
MB
SA
SB
0.10 µF
104
J
K
M
QD
MC
SB
SC
0.12 µF
124
J
K
M
MC
SB
0.15 µF
154
J
K
M
SC
Capacitance
Cap
Code
Working Voltage
Dielectric Withstanding
Voltage (DWV)
Voltage Code
D
U
G
H
V
D
U
G
H
V
D
U
G
H
V
D
U
G
H
V
Case Size/Series
C2824H
C3040H
C3640H
C4540H


Similar Part No. - C3640H393MDGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C3640H393MDGACTU KEMET-C3640H393MDGACTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C3640H393MDGAETU KEMET-C3640H393MDGAETU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C3640H393MDGAFTU KEMET-C3640H393MDGAFTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C3640H393MDGAGTU KEMET-C3640H393MDGAGTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C3640H393MDGALTU KEMET-C3640H393MDGALTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3640H393MDGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com