Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-10-100 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SC-10-100
Description  SC Coils, Standard Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-10-100 Datasheet(HTML) 1 Page - Kemet Corporation

  SC-10-100 Datasheet HTML 1Page - Kemet Corporation SC-10-100 Datasheet HTML 2Page - Kemet Corporation SC-10-100 Datasheet HTML 3Page - Kemet Corporation SC-10-100 Datasheet HTML 4Page - Kemet Corporation SC-10-100 Datasheet HTML 5Page - Kemet Corporation SC-10-100 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0005_SC • 6/16/2014
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 8 mH
• Rated Currents up to 30 A
• DCResistancesaslowas6mΩ
Overview
TheKEMETSCCoils,StandardTypeAClinefiltersareoffered
inawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SC Coils, Standard Type
Part Number System
SC-
10-
200
Type
Rated Current (A)
Minimum Inductance (mH)
SC-
0x- = x A (e.g., 02- = 2 A)
x0- = x0 A (e.g., 10- = 10 A)
xx- = xx A (e.g., 15- = 15 A)
Note: Code 05 can equal 5 A as well as 4 A
x00 = x mH (e.g., 200 = 2 mH)
Note: 1 mH can equal code 100 as well as code 101
AC Line Filters
12
Common mode
• Rated voltage: 250VAC/VDC
• Withstanding voltage: AC2400V (2sec. between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: A (105˚C)
• Operating temperature range (˚C): –25 to T (T=105–temperature rise) • Pin pitch listed above are reference only. not guaranteed values.
• Inductance measurement condition:100kHz, 1mA, KC547
Shape and Dimensions
[mm]
bSC Coils vertical type (~5A)
bSC Coils horizontal type
SC-02-101
40
6
SC-02-100
40
6
SC-02-200
40
6
SC-02-300
40
6
SC-02-500
45
6
SC-02-800
40
7
SC-05-100
40
6
SC-05-200
40
7
2
2
2
2
2
2
5
5
23.0
23.0
23.0
27.0
27.0
34.0
25.0
32.0
110
100
110
100
100
150
50
70
1
1
2
3
5
8
1
2
15
15
15
16
20
25
20
25
11
17
17
17
17
20
17
21
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
13.0
18.5
18.5
20.0
20.0
23.0
18.5
22.0
SC-05-500
50
7
4
34.0
80
5
30
21
0.8
23.0
SC-05-800
60
7
4
34.0
85
8
40
21
0.8
23.0
SC-10-100
40
22
10
34.0
20
1
40
21
1.3
24.0
SC-10-200
40
30
10
47.0
28
2
80
30
1.3
27.0
SC-15-100
40
35
15
49.0
12
1
100
35
1.8
27.0
SC-15-200
45
35
15
50.0
12
2
110
35
1.8
28.0
SC-20-100
45
40
20
60.0
8
1
135
40
2.3
30.0
SC-30-100
40
55
30
62.0
6
1
190
20
2.6
35.0
Model
DC resistance
(m /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Wire size
(mmø)
pin pitch
(reference)
Weight
approx.
(g)
OD (max.)
Finished dimensions(mm)
T (max.)
ab
Rated
current
(A)
T
OD
(a)
2
4
3
1
OD
13 42
T
12
3
4
(a)
Mounting pitch
(10A~)
SC Coils – Standard Type
[RoHS Compliant]
SC Coils – Standard Type
[RoHS Compliant]
15±2.0


Similar Part No. - SC-10-100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-10-100 KEMET-SC-10-100 Datasheet
1Mb / 17P
   Common Mode SC Coils, Standard Series
SC-10-1000 KEMET-SC-10-1000 Datasheet
1Mb / 17P
   Common Mode SC Coils, Standard Series
SC-10-1000 KEMET-SC-10-1000 Datasheet
77Kb / 1P
   KEMET, SC, AC Line Filters, Common Mode, 0.01 H
More results

Similar Description - SC-10-100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
   SC Coils, SC-JH Terminal Base Type
logo
LEM
SC-01-E150G LEM-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
   SC Coils, SC-JV Terminal Base Type
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
SC-10-20J KEMET-SC-10-20J Datasheet
412Kb / 5P
   SC Coils, SC-J Terminal Base Type
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
   SC Coils, SC-JS Terminal Base Type
SC-10-D050 KEMET-SC-10-D050 Datasheet
423Kb / 4P
   SC Coils, SC-D High Frequency Type
SC-02-30GJ KEMET-SC-02-30GJ Datasheet
398Kb / 5P
   SC Coils, SC-GJ Terminal Base Type
SC-02-101 KEMET-SC-02-101_V01 Datasheet
1Mb / 17P
   Common Mode SC Coils, Standard Series
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com