Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3040H393KGGWCTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C3040H393KGGWCTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C3040H393KGGWCTU Datasheet(HTML) 1 Page - Kemet Corporation

  C3040H393KGGWCTU Datasheet HTML 1Page - Kemet Corporation C3040H393KGGWCTU Datasheet HTML 2Page - Kemet Corporation C3040H393KGGWCTU Datasheet HTML 3Page - Kemet Corporation C3040H393KGGWCTU Datasheet HTML 4Page - Kemet Corporation C3040H393KGGWCTU Datasheet HTML 5Page - Kemet Corporation C3040H393KGGWCTU Datasheet HTML 6Page - Kemet Corporation C3040H393KGGWCTU Datasheet HTML 7Page - Kemet Corporation C3040H393KGGWCTU Datasheet HTML 8Page - Kemet Corporation C3040H393KGGWCTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1035_C0G_PULSE_SMD • 8/2/2016
1
One world. One KEMET
Ordering Information
C
2824
H
393
K
U
G
W
C
TU
Ceramic
Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Dielectric
Withstanding
Voltage (VDC)1
Dielectric
Failure
Rate/
Design
Termination Finish2
Packaging/
Grade
(C-Spec)3
2824
3040
3640
4540
H = High
Temp
(200°C)
Two
significant
digits +
number of
zeros
J = ±5%
K = ±10%
M = ±20%
D = 1,000
U = 1,250
G = 2,000
H = 3,000
V = 3,500
G = C0G W = Pulse
Discharge
C = 100% Matte Sn
L = SnPb (5% Pb minimum)
See “Packaging
C-Spec Ordering
Options Table”
below
1
DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the
capacitor. See waterfall table for working voltage.
2
Additional termination finish options may be available. Contact KEMET for details.
3
Additional reeling or packaging options may be available. Contact KEMET for details.
Overview
KEMET’s Industrial Grade Pulse Discharge Series surface
mount capacitors in C0G Dielectric deliver reliable high
voltage and high temperature performance required for
operation in harsh environments, specifically discharge
circuitry. Constructed of a robust and proprietary base
metal electrode (BME) dielectric system, these devices
offer industry-leading performance relative to capacitance
and case size. KEMET Pulse Discharge capacitors
average greater than 30% higher breakdown voltage than
competitive precious metal electrode (PME) devices with
similar capacitance & voltage ratings.
Designed for down-hole oil exploration and perforation,
these devices feature a 200°C maximum operating
temperature. The Electronics Industries Alliance (EIA)
characterizes C0G dielectric as a Class I material.
Components of this classification are temperature
compensating and are suited for resonant circuit applications
or those where Q and stability of capacitance characteristics
are required. Pulse Discharge series capacitors in C0G
dielectric exhibit no change in capacitance with respect
to time and voltage and boast a negligible change in
capacitance with reference to ambient temperature. These
devices retain high insulation resistance with low dissipation
factor at elevated temperatures up 200°C.
KEMET’s Pulse Discharge surface mount MLCCs are
manufactured in state-of-the-art ISO/TS 16949:2009 certified
facilities and are proven to function reliably in harsh, high
temperature and high humidity, down-hole environments.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Pulse Discharge, High Voltage, High Temperature 200°C
C0G Dielectric, 1,000 VDC – 3,500 VDC (Industrial Grade)
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C3040H393KGGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C3040H393KGGWCT050 KEMET-C3040H393KGGWCT050 Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.039 uF, 10%, 1,000 V, 3040, C0G, SMD, MLCC, High Temperature, Pulse Discharge, Ultra-Stable, Low Loss
More results

Similar Description - C3040H393KGGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com