Electronic Components Datasheet Search |
|
C062H105M2R5GA7301 Datasheet(PDF) 4 Page - Kemet Corporation |
|
C062H105M2R5GA7301 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 13 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1074_HT_X7R_RADIAL_MOLDED • 8/10/2016 4 Radial Through-Hole Multilayer Ceramic Capacitors High Temperature 200°C, Radial, Molded, X7R Dielectric, 50 – 200 VDC (Industrial Grade) Table 1A – C052 Style/Size (0.20" Lead Spacing), Capacitance Range Waterfall (1) To complete ordering code, insert the proper character for capacitance tolerance: (See table above for character definitions) (1) Available capacitance tolerances: J, K, M (2) To complete ordering code, enter the four-digit numeric or alphanumeric "Packaging C-Spec Ordering Code." See details below: Blank = Bulk Bag T250 = 250 pcs / 12" Reel T500 = 500pcs / 12" Reel T1K0 = 1,000 pcs / 12" reel 7301 = Full Reel Qty / 12" reel 7303 = Full Reel Qty / 12" reel 7061 = Bulk Tray These products are protected under U.S. Patents 7172985 and 7670981, other patents pending, and any foreign counterparts. C052 Style/Size (0.20" Lead Spacing) Rated Voltage (VDC) 50 100 200 Voltage Code 5 1 2 Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 1,000 pF J = ±5% K = ±10% M = ±20% C052H102(1)5R5GA(2) C052H102(1)1R5GA(2) C052H102(1)2R5GA(2) 1,200 pF C052H122(1)5R5GA(2) C052H122(1)1R5GA(2) C052H122(1)2R5GA(2) 1,500 pF C052H152(1)5R5GA(2) C052H152(1)1R5GA(2) C052H152(1)2R5GA(2) 1,800 pF C052H182(1)5R5GA(2) C052H182(1)1R5GA(2) C052H182(1)2R5GA(2) 2,200 pF C052H222(1)5R5GA(2) C052H222(1)1R5GA(2) C052H222(1)2R5GA(2) 2,700 pF C052H272(1)5R5GA(2) C052H272(1)1R5GA(2) C052H272(1)2R5GA(2) 3,300 pF C052H332(1)5R5GA(2) C052H332(1)1R5GA(2) C052H332(1)2R5GA(2) 3,900 pF C052H392(1)5R5GA(2) C052H392(1)1R5GA(2) 4,700 pF C052H472(1)5R5GA(2) C052H472(1)1R5GA(2) 5,600 pF C052H562(1)5R5GA(2) C052H562(1)1R5GA(2) 6,800 pF C052H682(1)5R5GA(2) C052H682(1)1R5GA(2) 8,200 pF C052H822(1)5R5GA(2) C052H822(1)1R5GA(2) 0.01 µF C052H103(1)5R5GA(2) C052H103(1)1R5GA(2) 0.012 µF C052H123(1)5R5GA(2) C052H123(1)1R5GA(2) 0.015 µF C052H153(1)5R5GA(2) C052H153(1)1R5GA(2) 0.018 µF C052H183(1)5R5GA(2) C052H183(1)1R5GA(2) 0.022 µF C052H223(1)5R5GA(2) C052H223(1)1R5GA(2) 0.027 µF C052H273(1)5R5GA(2) C052H273(1)1R5GA(2) 0.033 µF C052H333(1)5R5GA(2) C052H333(1)1R5GA(2) 0.039 µF C052H393(1)5R5GA(2) C052H393(1)1R5GA(2) 0.047 µF C052H473(1)5R5GA(2) C052H473(1)1R5GA(2) 0.056 µF C052H563(1)5R5GA(2) 0.068 µF C052H683(1)5R5GA(2) 0.082 µF C052H823(1)5R5GA(2) 0.1 µF C052H104(1)5R5GA(2) Rated Voltage (VDC) 50 100 200 Voltage Code 5 1 2 |
Similar Part No. - C062H105M2R5GA7301 |
|
Similar Description - C062H105M2R5GA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |