Electronic Components Datasheet Search |
|
ISD9100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
ISD9100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 26 page ISD9100 Series Datasheet Release Date: January 8, 2016 - 4 - Revision V1.41 2 FEATURES Core – AR M® Cortex™-M0 core runs up to 49MHz. – One 24-bit System tick timer for operating system support. – Supports a variety of low power sleep and power down modes. – Single-cycle 32-bit hardware multiplier. – NVIC (Nested Vector Interrupt Controller) for 32 interrupt inputs, each with 4-levels of priority. – Serial Wire Debug (SWD) support with 2 watchpoints/4 breakpoints. Power Management – Wide operating voltage range from 2.4V to 5.5V. – Power management Unit (PMU) providing four levels of power control. – Deep Power Down (DPD) mode with sub micro-amp leakage (<1µA). – Wakeup from Deep Power Down via dedicated WAKEUP pin or timed operation from internal low power 16kHz oscillator. – Standby mode with limited RAM retention and RTC operation (<10µA). – Wakeup from Standby can be from any GPIO interrupt, RTC or BOD. – Sleep mode with minimal dynamic power consumption. – 3V LDO for operation of external 3V devices such as serial flash. Flash EPROM Memory – 68/100/145K bytes Flash EPROM for program code and data storage. – 4KB of flash can be configured as boot sector for ISP loader. – Support In-system program (ISP) and In-circuit program (ICP) application code update – 1K byte page erase for flash – Configurable boundary to delineate code and data flash. – Support 2 wire In-circuit Programming (ICP) update from SWD ICE interface SRAM Memory – 12K bytes embedded SRAM. Clock Control – One high speed and two low speed oscillators providing flexible selection for different applications. No external components necessary. – Built-in trimmable oscillator with range of 16-49MHz. Factory trimmed within 1% to settings of 49.152MHz and 32.768MHz. User trimmable with in-built frequency measurement block (OSCFM) using reference clock of 32kHz crystal or external reference source. – Ultra-low power (<1uA) 16kHz oscillator for watchdog and wakeup from power-down or sleep operation. – External 32kHz crystal input for RTC function and low power system operation. GPIO – Four I/O modes: Quasi bi-direction Push-Pull output Open-Drain output Input only with high impendence – TTL/Schmitt trigger input selectable. – I/O pin can be configured as interrupt source with edge/level setting. – Switchable pull-up. Audio Analog to Digital converter – Sigma Delta ADC with configurable decimation filter and 16 bit output. – 92dB Signal-to-Noise (SNR) performance. – Programmable gain amplifier with 32 steps from -12 to 35.25dB in 0.75dB steps. – Boost gain stage of 26dB, giving maximum total gain of 61dB. |
Similar Part No. - ISD9100 |
|
Similar Description - ISD9100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |