Part Name
         Description
91C94

 ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM ( 120 Page)


SMSC
100% 
Zoom Out Zoom In
 6 page
background image
6
The LAN91C94 offers:
High integration:
Single chip adapter including:
Packet RAM
ISA bus interface
PCMCIA interface
EEPROM interface
Encoder decoder with AUI interface
10BASE-T transceiver
High performance:
Chained ("Back-to-back") packet handling
with no CPU intervention:
Queues transmit packets
Queues receive packets
Stores results in memory along with
packet
Queues interrupts
Optional
single
interrupt
upon
completion of transmit chain.
Fast block move operation for load/unload:
CPU sees packet bytes as if stored
contiguously.
Handles 16 bit transfers regardless of
address alignment.
Access to packet through fixed window.
Fast bus interface:
Compatible with ISA type and faster buses.
Flexibility:
Flexible packet and header processing:
Can be set to Simultasking - Early
Receive and Transmit modes.
Can access any byte in the packet.
Can immediately remove undesired
packets from queue.
Can move packets from receive to
transmit queue.
Can alter receive processing order
without copying data.
Can discard or enqueue again a failed
transmission.
Resource allocation:
Memory dynamically allocated for transmit
and receive.
Can
automatically
release
memory
on
successful transmission.
Configuration:
ISA:
Uses non-volatile jumperless setup via
serial EEPROM.
PCMCIA:
Uses ROM or Flash ROM for attribute
memory storage and optional serial
EEPROM for IEEE address storage.
PCMCIA I/O ignores address lines A4-
A15 and relies on the PCMCIA host,
decoding for the slot.
nROM/nPCMCIA, on LAN91C94, is left
open with a pullup for ISA mode. This
pin is sampled at the end of RESET. If
found low, the LAN91C94 is configured
for PCMCIA mode.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RTL8139CREALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8100BREALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8308BREALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8101LREALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX98726SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE 1 2 3 4 5 MoreMacronix International
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
M37100M8SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADM6995L5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LAN9118HIGH PERFORMANCE SINGLE CHIP 10/100NON PCI ETHERNET CONTROLLER 1 2 3 4 5 MoreSMSC Corporation
M37102M8SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl