Part Name
         Description
91C94

 ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM ( 120 Page)


SMSC
100% 
Zoom Out Zoom In
 
 1 page
background image
LAN91C94
PRELIMINARY
ISA/PCMCIA
Single-Chip Ethernet Controller with RAM
FEATURES
ISA/PCMCIA Single-Chip Ethernet
Controller
4608 Bytes of On-Chip RAM
Supports IEEE 802.3 (ANSI 8802-3)
Ethernet Standards
Simultasking
TM
- Early Transmit and Early
Receive Functions
Hardware Memory Management Unit
Optional Configuration via Serial EEPROM
Interface (Jumperless)
Single +5V Power Supply
Low Power CMOS Design
100 Pin QFP, TQFP and VTQFP Package
Bus Interface
Direct Interface to ISA and PCMCIA with No
Wait States
Flexible Bus Interface
16-Bit Data and Control Paths
Fast Access Time (40 ns)
Pipelined Data Path
Handles Block Word Transfers for Any
Alignment
High Performance Chained ("Back-to-
Back") Transmit and Receive
Pin Compatible with LAN91C92 (in ISA
mode)
Flat Memory Structure for Low CPU
Overhead
Dynamic Memory Allocation Between
Transmit and Receive
Buffered Architecture, Insensitive to Bus
Latencies (No Overruns/Underruns)
Supports Boot PROM for Diskless ISA
Applications
Network Interface
Integrates 10BASE-T Transceiver
Functions:
-
Driver and Receiver
-
Link Integrity Test
-
Receive Polarity Detection and
Correction
Integrates AUI Interface
Implements 10 Mbps Manchester
Encoding/Decoding and Clock Recovery
Automatic Retransmission, Bad Packet
Rejection, and Transmit Padding
External and Internal Loopback Modes
Four Direct Driven LEDs for Status/
Diagnostics
Software Drivers
Uses Certified LAN9000 Drivers Which
Operate with Every Major Network
Operating System
Software Driver Compatible with LAN91C92
and LAN91C100 (100 Mbps) Controllers in
ISA Mode
Software Driver Utilizes Full Capability of 32
Bit Microprocessor
Simultasking is a trademark and SMSC is a registered trademark of Standard Microsystems Corporation
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RTL8139CREALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8100BREALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8308BREALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8101LREALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX98726SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE 1 2 3 4 5 MoreMacronix International
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
M37100M8SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADM6995L5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LAN9118HIGH PERFORMANCE SINGLE CHIP 10/100NON PCI ETHERNET CONTROLLER 1 2 3 4 5 MoreSMSC Corporation
M37102M8SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl