Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4540H393MVGWCTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C4540H393MVGWCTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4540H393MVGWCTU Datasheet(HTML) 2 Page - Kemet Corporation

  C4540H393MVGWCTU Datasheet HTML 1Page - Kemet Corporation C4540H393MVGWCTU Datasheet HTML 2Page - Kemet Corporation C4540H393MVGWCTU Datasheet HTML 3Page - Kemet Corporation C4540H393MVGWCTU Datasheet HTML 4Page - Kemet Corporation C4540H393MVGWCTU Datasheet HTML 5Page - Kemet Corporation C4540H393MVGWCTU Datasheet HTML 6Page - Kemet Corporation C4540H393MVGWCTU Datasheet HTML 7Page - Kemet Corporation C4540H393MVGWCTU Datasheet HTML 8Page - Kemet Corporation C4540H393MVGWCTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1035_C0G_PULSE_SMD • 8/2/2016
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Pulse Discharge, High Voltage, High Temperature 200°C C0G Dielectric, 1,000 VDC – 3,500 VDC (Industrial Grade)
Packaging C-Spec Ordering Options Table
Packaging Type/Options1
Packaging
Ordering Code (C-Spec)2
7" Reel (Embossed Plastic Tape)/Unmarked
TU
13" Reel (Embossed Plastic Tape)/Unmarked
7210
Reel (Embossed Plastic Tape)/Unmarked – 50 pieces
T050
Reel (Embossed Plastic Tape)/Unmarked – 100 pieces
T100
Reel (Embossed Plastic Tape)/Unmarked – 250 pieces
T250
Reel (Embossed Plastic Tape)/Unmarked – 500 pieces
T500
Reel (Embossed Plastic Tape)/Unmarked – 1,000 pieces
T1K0
1
The terms “Marked” and “Unmarked” pertain to laser marking option of components. All packaging options labeled as “Unmarked” will contain
capacitors that have not been laser marked. The option to laser mark is not available on these devices.
2
Reeling quantities are dependent upon chip size and thickness dimension. When ordering using the “Txxx” packaging ordering codes (C-Specs)
outlined above, product may be shipped on multiple 7” reels or a single 13” reel. Additional reeling or packaging options may be available. Contact
KEMET for details.
Benefits
• Operating temperature range of −55°C to +200°C
• Lead (Pb)-free, RoHS and REACH compliant
• Base metal technology
• Higher UVBD capability than competitive dielectric
technologies
• Capacitance offerings ranging from 2.2 nF up to 150 nF
• Available capacitance tolerances of ±5%, ±10% or ±20%
• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability
• No capacitance change with respect to applied rated DC
voltage
• Negligible capacitance change with respect to temperature
from −55°C to +200°C
• No capacitance decay with time
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish allowing for
excellent solderability
Applications
Typical applications include high temperature discharge circuits for munitions and down-hole oil exploration/perforation.


Similar Part No. - C4540H393MVGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4540H393MBGACTU KEMET-C4540H393MBGACTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C4540H393MBGAETU KEMET-C4540H393MBGAETU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C4540H393MBGAFTU KEMET-C4540H393MBGAFTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C4540H393MBGAGTU KEMET-C4540H393MBGAGTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C4540H393MBGALTU KEMET-C4540H393MBGALTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C4540H393MVGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com