Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N55S064 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # N55S064
Description  64M-BIT Low Voltage, Serial MASK ROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N55S064 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  N55S064 Datasheet HTML 1Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 2Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 3Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 4Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 5Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 6Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 7Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 8Page - List of Unclassifed Manufacturers N55S064 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
N55S064
64M-BIT Low Voltage, Serial MASK ROM
with 50MHz SPI Bus Interface
1
REV. 1.1, MAR., 2010
GENERAL DESCRIPTION
The N55S064 is a 64Mbit (8M Bytes) Serial Mask ROM accessed by a high speed Serial peripheral interface.
KEY FEATURES
Operating voltage ranges from 3.0V to 3.6V
Serial Peripheral Interface compatible-mode 0 and 3
High performance: "fast read" mode at 50MHz and "normal read" at 20MHz
Low power consumption: 8mA for fast read mode or 4mA for normal read mode
Low standby current: 15uA
PIN DESCRIPTION
SYMBOL
DESCRIPTION
SCLK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
CSB
Chip Select
HOLDB
Hold to pause the device without
deselecting the device
VCC
Power Supply
VSS
Ground
ORDER INFORMATION
Part No.
Speed
Grade
N55S064
20ns
Commercial


Similar Part No. - N55S064

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results

Similar Description - N55S064

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L6400E GENERALPLUS-GPR23L6400E Datasheet
342Kb / 10P
   64M-BIT MASK ROM
logo
Macronix International
MX23L6412 MCNIX-MX23L6412 Datasheet
194Kb / 8P
   SEQUENTIAL 64M-BIT MASK ROM
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
List of Unclassifed Man...
N55S016 ETC2-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM
logo
Macronix International
MX23L6454 MCNIX-MX23L6454 Datasheet
208Kb / 18P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR23L6411E GENERALPLUS-GPR23L6411E Datasheet
301Kb / 10P
   64M-Bit Page Mode Mask ROM
logo
Macronix International
MX23L6413 MCNIX-MX23L6413 Datasheet
158Kb / 7P
   64M-BIT FLASH COMPATIBLE MASK ROM
MX23L6423A MCNIX-MX23L6423A Datasheet
184Kb / 6P
   64M-BIT PAGE MODE MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com