Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 138D
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D Datasheet(HTML) 2 Page - Vishay Siliconix

  138D Datasheet HTML 1Page - Vishay Siliconix 138D Datasheet HTML 2Page - Vishay Siliconix 138D Datasheet HTML 3Page - Vishay Siliconix 138D Datasheet HTML 4Page - Vishay Siliconix 138D Datasheet HTML 5Page - Vishay Siliconix 138D Datasheet HTML 6Page - Vishay Siliconix 138D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 40025
Revision 15-Oct-03
www.vishay.com
56
138D
Vishay
For technical questions, contact wettants@vishay.com
10
22
50
100
180
350
8.0
15
40
100
150
300
30WVDC at + 85
°C . . . 20WVDC at + 125°C
25WVDC at + 85
°C . . . 15WVDC at + 125°C
+ 9
+ 12
+ 15
+ 15
+ 15
+ 25
+ 8
+ 10.5
+ 13
+ 13
+ 13
+ 25
- 16
- 20
- 28
- 28
- 48
- 70
2
2
5
10
18
28
1
1
1
1
2
7
220
140
70
50
32
24
6
5
4
4
4
1.3
138D106X0025C2
138D226X0025C2
138D506X0025F2
138D107X0025F2
138D187X0025T2
138D357X0025K2
C
C
F
F
T
K
C
C
F
T
T
K
138D805X0030C2
138D156X0030C2
138D406X0030F2
138D107X0030T2
138D157X0030T2
138D307X0030K2
7.5
8
4
6
2.5
1.6
275
175
65
40
35
25
1
1
1
2
2
8
+ 12
+ 12
+ 12
+ 12
+ 15
+ 25
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 25
2
2
5
12
16
32
- 16
- 20
- 24
- 28
- 48
- 60
STANDARD RATINGS
Max. DCL (
µA) at
PART NUMBER*
CAPACITANCE
(
µF)
CASE
CODE
Max. ESR
at + 25
°C
(Ohms)
Max. IMP.
at - 55
°C
(Ohms)
+ 85
°C
+ 125
°C
Max. CAPACITANCE
CHANGE (%) at
30
68
140
270
330
560
1200
25
56
220
430
850
138D256X0008C2
138D566X0008C2
138D227X0008F2
138D437X0008T2
138D857X0008K2
4
4
4
3
1
100
59
30
25
22
1
1
1
2
4
2
2
7
14
16
- 40
- 40
- 44
- 64
- 80
+ 10.5
+ 14
+ 17.5
+ 17.5
+ 25
+ 12
+ 16
+ 20
+ 20
+ 25
+ 12
+ 16
+ 16
+ 20
+ 16
+ 20
+ 25
+ 10.5
+ 14
+ 14
+ 17.5
+ 14
+ 17.5
+ 25
- 40
- 40
- 40
- 44
- 44
- 64
- 80
2
2
3
6.5
7.9
13
14
1
1
1
1
2
2
3
100
60
40
25
20
25
20
4
4
2
4
2
3
1.6
138D306X0006C2
138D686X0006C2
138D147X0006F2
138D277X0006F2
138D337X0006T2
138D567X0006T2
138D128X0006K2
C
C
F
F
T
T
K
C
C
F
T
K
+ 25
°C- 55°C+ 85°C
+ 125
°C
6WVDC at + 85
°C . . . 4WVDC at + 125°C
+ 12
+ 16
+ 16
+ 16
+ 16
+ 20
+ 25
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 25
- 32
- 36
- 36
- 36
- 40
- 64
- 80
2
2
4
7
10
16
16
1
1
1
1
2
2
4
175
100
60
40
30
25
23
4
5
2
4
2
3
1
138D206X0010C2
138D476X0010C2
138D107X0010F2
138D187X0010F2
138D257X0010T2
138D397X0010T2
138D757X0010K2
C
C
F
F
T
T
K
20
47
100
180
250
390
750
8WVDC at + 85
°C . . . 5WVDC at + 125°C
10WVDC at + 85
°C . . . 7WVDC at + 125°C
+ 12
+ 16
+ 16
+ 20
+ 16
+ 20
+ 25
+ 10.5
+ 14
+ 14
+ 17.5
+ 14
+ 17.5
+ 25
- 24
- 28
- 28
- 28
- 32
- 56
- 80
2
2
4
7
10
16
24
1
1
1
1
2
2
6
155
90
75
50
35
30
23
5
5
4
4
2
3
1.0
138D156X0015C2
138D336X0015C2
138D706X0015F2
138D127X0015F2
138D177X0015T2
138D277X0015T2
138D547X0015K2
C
C
F
F
T
T
K
15
33
70
120
170
270
540
15WVDC at + 85
°C . . . 10WVDC at + 125°C
+ 14
+ 15
+ 11
+ 13
- 20
- 48
2
16
1
2
100
30
5
4
138D276X0020C2
138D227X0020T2
C
T
27
220
20WVDC at + 85
°C . . . 13WVDC at + 125°C
Wet Tantalum Capacitors
Sintered Anode TANTALEX
® Capacitors Hermetically-Sealed
with True Glass-to-Tantalum Seal


Similar Part No. - 138D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D106X0025C2 VISHAY-138D106X0025C2 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
138D106X0050C2 VISHAY-138D106X0050C2 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
138D106X0100C2 VISHAY-138D106X0100C2 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
138D107X0010C2 VISHAY-138D107X0010C2 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
138D107X0010F2 VISHAY-138D107X0010F2 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
More results

Similar Description - 138D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com