Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N567KXXX Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # N567KXXX
Description  powerful microcontroller (uC)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N567KXXX Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N567KXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 8Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 9Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 10Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
N567KXXX
Publication Release Date: Feb. 2014
- 7 -
Revision A12
4. PIN DESCRIPTION
PIN NAME
I/O
FUNCTION
/RESET
In
IC reset input with an internal pull-up resistor, low active.
OSCIN
I
Main-clock oscillation input for X
’tal mode. Build-in ROSC by mask option.
OSCOUT
O
Main-clock oscillation output for X
’tal.
IP00~IP07
In
General input port with pull-high selection. Each input pin can be
programmed to generate interrupt request and used to release IC from
STOP mode. It is provided in N567K240~K330 only.
BP00~BP07
I/O
General input/output pins. When used as output pin, it can be open
–drain
or CMOS type and it can sink 25mA for high-current applications. When
used as input pin, there may have a pull-high option and generate interrupt
request to release IC from STOP mode.
When BP07 is used as output pin, it can be the IR transmission carrier for
IR applications.
Only for N567K240/280/330. BP00/02/04 can be set as 3-pin H/W PWM
output with 64-level resolution. They can be paired with BP01/03/05 (also
H/W PWM output) respectively with same or opposite phase of output
waveform.
BP10~BP17
I/O
General input/output pins. When used as output pin, it can be open
–drain
or CMOS type. When used as input pin, there may have a pull-high option
and generate interrupt request to release IC from STOP mode.
When serial interface management (SIM) is enabled, and set memory type
as W55F/W551C, BP10~12 are used to be an interface with the external
memory, W55Fxx or W551Cxxx. If set memory to SPI flash, BP10~13 are
used to be an interface.
BP20~BP27
I/O
General input/output pins. When used as output pin, it can be open
–drain
or CMOS type. When used as input pin, there may have a pull-high option
and generate interrupt request to release IC from STOP mode.
PWM+/DAC
O
PWM driver positive output or Current type DAC output
PWM-
O
PWM driver negative output
VDD
Power
Positive power supply for uP and peripherals.
VSS
Power
Negative power supply for uP and peripherals.
VDD_SPK
Power
Positive power supply for speaker driver.
VSS_SPK
Power
Negative power supply for speaker driver.
VDD_SIM
Power
Positive power supply for serial interface Management (SIM) BP10~13
Only providing in N567K240~N567K330. For non-SIM application, it
should be connect to VDD to keep normal standby current.
VDD_OSC
Power
Positive power supply for oscillator. Only providing in
N567K240~N567K330. It must be connected to VDD.
VSS_OSC
Power
Negative power supply for oscillator. Only providing in
N567K240~N567K330. This pad must be connected to VSS.


Similar Part No. - N567KXXX

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N567KXXX NUVOTON-N567KXXX Datasheet
638Kb / 15P
   The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
More results

Similar Description - N567KXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
   powerful microcontroller (uC)
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
Nuvoton Technology Corp...
N567KXXX NUVOTON-N567KXXX Datasheet
638Kb / 15P
   The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
N567K081 NUVOTON-N567K081 Datasheet
519Kb / 11P
   The N567K081 is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
W567BXXX NUVOTON-W567BXXX Datasheet
494Kb / 13P
   The W567Bxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
[Old version datasheet]   Powerful Wireless Microcontroller System-On-Chip
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
   POWERFUL MICROCONTROLLER for use in the automotive market
TN87C51FA ROCHESTER-TN87C51FA Datasheet
599Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com