Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

523YD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 523YD
Description  2.0*5.0 MM RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

523YD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  523YD Datasheet HTML 1Page - List of Unclassifed Manufacturers 523YD Datasheet HTML 2Page - List of Unclassifed Manufacturers 523YD Datasheet HTML 3Page - List of Unclassifed Manufacturers 523YD Datasheet HTML 4Page - List of Unclassifed Manufacturers 523YD Datasheet HTML 5Page - List of Unclassifed Manufacturers 523YD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
2.0*5.0mm Rectangle Type LED Lamps
523YD
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.: 3
Page: 4 of 6
Device Number :
CDLE-052-031 Prepared date: 2004/6/26
Prepared by:
Lan Feng


Similar Part No. - 523YD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
523 LITTELFUSE-523 Datasheet
85Kb / 1P
   MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
523 ETC2-523 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Precid-Dip Durtal SA
523-13-108-12-051-001 PREDIP-523-13-108-12-051-001 Datasheet
62Kb / 1P
   Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
logo
Everlight Electronics C...
523-2SDRD EVERLIGHT-523-2SDRD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results

Similar Description - 523YD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
514SURD EVERLIGHT-514SURD Datasheet
93Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD EVERLIGHT-523-2SDRD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
513SYGD-S530-E2 EVERLIGHT-513SYGD-S530-E2 Datasheet
91Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
514UYD-S530-A3 EVERLIGHT-514UYD-S530-A3 Datasheet
99Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
514SURD-S530-A3 EVERLIGHT-514SURD-S530-A3 Datasheet
99Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
514SYGD-S530-E2 EVERLIGHT-514SYGD-S530-E2 Datasheet
94Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
514SYGT EVERLIGHT-514SYGT Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SYGD EVERLIGHT-523-2SYGD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SURD-S530-A3 EVERLIGHT-523SURD-S530-A3 Datasheet
118Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com