Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT0880AT20 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NT0880AT20
Description  Nuvoton 鰲?뫖?됮뵰??뎴
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT0880AT20 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NT0880AT20 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT0880AT20 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT0880AT20 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT0880AT20 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT0880AT20 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT0880AT20 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT0880AT20 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT0880AT20 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT0880AT20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NT0880
2015/12/21
第 5 页 总24页
版本 1.0
2
功能特性
8 路电容型触摸按键响应通道及对应 8 路输出通道
多样的按键输出选择
单一按键/多重按键 响应选择
长按键侦测响应
低电平/高电平输出选择
锁键功能
输出模式选择
标准输出口(开漏模式)
I²C 输出模式
I²C 通讯参数设定
每个按键触发位准设定
按键消抖动设定
复位位间隔设定
防泼水及面板水洼响应状态
面板存在泼水状态下无误动作
锁键功能
ESD / EFT
抗电磁波干扰
抗手机电磁波干扰
抗 5W 内对讲机通讯干扰(距离 > 2 cm)
工作电压: 2.4 V ~ 5.5 V
工作电流: 1.8 mA ~ 2.3 mA
工作温度: - 40℃ ~ 85℃
按键响应时间: 32 ms


Similar Part No. - NT0880AT20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT0880AT20 ETC2-NT0880AT20 Datasheet
798Kb / 24P
   Nuvoton 鰲?뫖?됮뵰??뎴
NT0880AT20 ETC2-NT0880AT20 Datasheet
759Kb / 22P
   Nuvoton 鰲?뫖?됮뵰??뎴
More results

Similar Description - NT0880AT20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT0660 ETC2-NT0660 Datasheet
759Kb / 22P
   Nuvoton 鰲?뫖?됮뵰??뎴
NT066E ETC2-NT066E Datasheet
798Kb / 24P
   Nuvoton 鰲?뫖?됮뵰??뎴
logo
Nuvoton Technology Corp...
W55MID15 NUVOTON-W55MID15 Datasheet
539Kb / 12P
   Nuvoton MFID Transponder
logo
List of Unclassifed Man...
N79E815 ETC2-N79E815 Datasheet
3Mb / 179P
   Nuvoton 8051 series
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG_10 Datasheet
1Mb / 251P
   NUVOTON LPC I/O
W83793G NUVOTON-W83793G Datasheet
1Mb / 152P
   Nuvoton H/W Monitor
NCT5569D NUVOTON-NCT5569D Datasheet
3Mb / 231P
   Nuvoton LPC I/O
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
N79E715 NUVOTON-N79E715 Datasheet
3Mb / 189P
   Nuvoton 8051-based Microcontroller
N79E845 NUVOTON-N79E845 Datasheet
3Mb / 183P
   Nuvoton 8051-based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com