Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS89C52-24PQI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS89C52-24PQI
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS89C52-24PQI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS89C52-24PQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS89C52-24PQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS89C52-24PQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS89C52-24PQI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS89C52-24PQI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS89C52-24PQI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS89C52-24PQI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS89C52-24PQI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS89C52-24PQI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
IS89C52
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
MC013-1C
11/21/98
ISSI®
The detail description of each bit is as follows:
PSW:
Program Status Word. Bit Addressable.
7
6
54321
0
CY
AC
F0
RS1
RS0
OV
P
Register Description:
CY
PSW.7
Carry flag.
AC
PSW.6
Auxiliary carry flag.
F0
PSW.5
Flag 0 available to the user for general
purpose.
RS1
PSW.4
Register bank selector bit 1.(1)
RS0
PSW.3
Register bank selector bit 0.(1)
OV
PSW.2
Overflow flag.
PSW.1
Usable as a general purpose flag
P
PSW.0
Parity flag. Set/Clear by hardware each
instruction cycle to indicate an odd/even
number of “1” bits in the accumulator.
Note:
1. The value presented by RS0 and RS1 selects the corre-
sponding register bank.
RS1
RS0
Register Bank
Address
0
0
0
00H-07H
0
1
1
08H-0FH
1
0
2
10H-17H
1
1
3
18H-1FH
PCON:
Power Control Register. Not Bit Addressable.
7
6
54321
0
SMOD
GF1
GF0
PD
IDL
Register Description:
SMOD
Double baud rate bit. If Timer 1 is used to generate
baud rate and SMOD=1, the baud rate is doubled
when the serial port is used in modes 1, 2, or 3.
Not implemented, reserve for future use.(1)
Not implemented, reserve for future use.(1)
Not implemented, reserve for future use.(1)
GF1
General purpose flag bit.
GF0
General purpose flag bit.
PD
Power-down bit. Setting this bit activates power-
down mode.
IDL
Idle mode bit. Setting this bit activates idle mode.
If 1s are written to PD and IDL at the same time,
PD takes precedence.
Note:
1. User software should not write 1s to reserved bits. These
bits may be used in future products to invoke new features.
IE:
Interrupt Enable Register. Bit Addressable.
7
6
54321
0
EA
ES
ET1
EX1
ET0 EX0
Register Description:
EA
IE.7
Disable all interrupts. If EA=0, no
interrupt will be acknowledged. If EA=1,
each interrupt source is individually
enabled or disabled by setting or
clearing its enable bit.
IE.6
Not implemented, reserve for future
use.(5)
IE.5
Not implemented, reserve for future
use.(5)
ES
IE.4
Enable or disable the serial port
interrupt.
ET1
IE.3
Enable or disable the Timer 1 overflow
interrupt.
EX1
IE.2
Enable or disable External Interrupt 1.
ET0
IE.1
Enable or disable the Timer 0 overflow
interrupt.
EX0
IE.0
Enable or disable External Interrupt 0.
Note: To use any of the interrupts in the 80C51 Family, the
following three steps must be taken:
1. Set the EA (enable all) bit in the IE register to 1.
2. Set the coresponding individual interrupt enable bit in
the IE register to 1.
3. Begin the interrupt service routine at the corresponding
Vector Address of that interrupt (see below).
Interrupt Source
Vector Address
IE0
0003H
TF0
000BH
IE1
0013H
TF1
001BH
RI & TI
0023H
4. In addition, for external interrupts, pins
INT0 and INT1
(P3.2 and P3.3) must be set to 1, and depending on
whether the interrupt is to be level or transition acti-
vated, bits IT0 or IT1 in the TCON register may need to
be set to 0 or 1.
ITX = 0 level activated (X = 0, 1)
ITX = 1 transition activated
5. User software should not write 1s to reserved bits. These
bits may be used in future products to invoke new
features.


Similar Part No. - IS89C52-24PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
IS89C51-12PL ISSI-IS89C51-12PL Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
IS89C51-12PLI ISSI-IS89C51-12PLI Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
IS89C51-12PQ ISSI-IS89C51-12PQ Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
IS89C51-12PQI ISSI-IS89C51-12PQI Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
More results

Similar Description - IS89C52-24PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C52 ICSI-IC89C52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Siemens Semiconductor G...
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com