Electronic Components Datasheet Search |
|
833H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
833H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page 833H Relay SAFETY APPROVAL Certified UL CUR TUV File No. E74321 E74321 R9754206 UL CUR TUV 10A 125VAC 10A 125VAC 7A 250V~(AC) 7A 277VAC/30VDC 7A 277VAC/30VDC 12A 125V~(AC) 7A 30V =(DC) Contact resistance 100m Max.(initial value) Operate time 10ms Release time 5ms Insulation resistance 100M Min.(DC 500V) Dielectric strength Between open contact AC 750V, 50/60Hz 1 min. Between contact and coil AC 1500V,50/60Hz 1min. Vibration resistance Operating extremes 10~50Hz,amplitude 1.5mm Damage limits >10~50Hz,amplitude 1.5mm Shock resistance Operating extremes >10G Rated Rated current Coil resistance Max. continuous Pick up Drop out Power consumption voltage ± 10 % at 25º ± 10 % at 25º voltage voltage (Max) voltage (Min) at rated (V) (mA) ( ) 25ºC 25ºC 25ºC voltage 3 120 25 4 91 44 5 72 70 6 60 100 130% of 75% of 10% of 9 40 225 rated rated rated approx. 0.36W 12 30 400 voltage voltage voltage 24 15 1600 48 9.4 5,120 approx. 0.45W 833H 1C C 12VDC Coil voltage Enclosure Type Contact form C - Flux-tight 1A:SPNO S - Sealed 1B:SPNC 1C: SPDT • Sub-Miniature,7-10 amps • UL,CSA & TUV • Flux-tight or Sealed • Low cost,medium-duty applications SAFETY APPROVAL RATING ORDERING INFORMATION COIL DATA (DC) SPECIFICATION FEATURES Distributor: Electro-Stock, Inc. www.electrostock.com 800-876-1152 Fax: 630-876-1166 sales@electrostock.com Distributor: Electro-Stock, Inc. www.electrostock.com 800-876-1152 Fax: 630-876-1166 sales@electrostock.com |
Similar Part No. - 833H |
|
Similar Description - 833H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |