Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q64C Datasheet(PDF) 11 Page - ELM Electronics

Part # GD25Q64C
Description  3.3V Uniform Sector Dual and Quad Serial Flash
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q64C Datasheet(HTML) 11 Page - ELM Electronics

Back Button GD25Q64C Datasheet HTML 7Page - ELM Electronics GD25Q64C Datasheet HTML 8Page - ELM Electronics GD25Q64C Datasheet HTML 9Page - ELM Electronics GD25Q64C Datasheet HTML 10Page - ELM Electronics GD25Q64C Datasheet HTML 11Page - ELM Electronics GD25Q64C Datasheet HTML 12Page - ELM Electronics GD25Q64C Datasheet HTML 13Page - ELM Electronics GD25Q64C Datasheet HTML 14Page - ELM Electronics GD25Q64C Datasheet HTML 15Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
Rev.1.1
50 -
http://www.elm-tech.com
GD25Q64CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
NOTE: (1). When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
(2). This feature is available on special order. (GD25Q64CxxSx)Please contact ELM for details.
QE bit.
The Quad Enable (QE) bit is a non-volatile Read/Write bit in the Status Register that allows Quad operation.
When the QE bit is set to 0 (Default) the WP# pin and HOLD# pin are enable. When the QE pin is set to 1,
the Quad IO2 and IO3 pins are enabled. (The QE bit should never be set to 1 during standard SPI or Dual SPI
operation if the WP# or HOLD# pins are tied directly to the power supply or ground).
LB3, LB2, LB1 bits.
The LB3, LB2, LB1 bits are non-volatile One Time Program (OTP) bits in Status Register (S13-S11) that
provide the write protect control and status to the Security Registers. The default state of LB3-LB1 are 0,
the security registers are unlocked. The LB3-LB1 bits can be set to 1 individually using the Write Register
instruction. The LB3-LB1 bits are One Time Programmable, once its set to 1, the Security Registers will become
read-only permanently.
CMP bit.
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction the BP4-
BP0 bits to provide more flexibility for the array protection. Please see the Status registers Memory Protection
table for details. The default setting is CMP=0.
SUS1, SUS2 bits.
The SUS1 and SUS2 bits are read only bit in the status register (S15 and S10) that are set to 1 after executing an
Program/Erase Suspend (75H) command (The Erase Suspend will set the SUS1 to 1, and the Program Suspend
will set the SUS2 to 1) . The SUS1 and SUS2 bits are cleared to 0 by Program/Erase Resume (7AH) command
as well as a power-down, power-up cycle.
HPF bit.
The High Performance Flag (HPF) bit indicates the status of High Performance Mode (HPM). When HPF bit
sets to 1, it means the device is in High Performance Mode, when HPF bit sets 0 (default), it means the device is
not in High Performance Mode.
DRV1/DRV0.
The DRV1 & DRV0 bits are used to determine the output driver strength for the Read operations.
DRV1, DRV0
Driver Strength
00
100%
01
75% (default)
10
50%
11
25%


Similar Part No. - GD25Q64C

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
4Mb / 28P
   MCU
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64CFEG GIGADEVICE-GD25Q64CFEG Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64CFES GIGADEVICE-GD25Q64CFES Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64CFFG GIGADEVICE-GD25Q64CFFG Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25Q64C

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q128CXIGX ELM-GD25Q128CXIGX Datasheet
2Mb / 69P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com