Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2T29TXA30-DB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T29TXA30-DB
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T29TXA30-DB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T29TXA30-DB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T29TXA30-DB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T29TXA30-DB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T29TXA30-DB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T29TXA30-DB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T29TXA30-DB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T29TXA30-DB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series M2
Process Sealed Miniature Rockers
B100
B
www.nkkswitches.com
Rocker/Paddle
Colors
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
Rockers/Paddles
D
.365” (9.27mm)
Wide Rocker
E
.365” (9.27mm)
Wide Paddle
F
.450” (11.43mm)
Wide Rocker
G
.450” (11.43mm)
Wide Paddle
TYPICAL SWITCH ORDERING EXAMPLE
2
G
M2T
DPDT
ON-NONE-ON Circuit
.365” (9.27mm) Wide
Red Rocker
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
( ) = Momentary
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated 6A @
125V AC & 0.4VA max @ 28V
AC/DC max
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2T22TXG41-DC
D
Mounting Frame for Actuators
with Straight or Angle PC Mount
C
Mounting Frame
TX
For Actuators with
Straight or Angle
PC Mount
PC Terminals
13
Straight with
.460” (11.7mm) Bracket
30
.150” (3.81mm) Right Angle
41
.150” (3.81mm) Vertical
Poles
1
SPDT
2
DPDT
Gold Contacts
with 0.4VA Rating
.150” (3.81mm)
Vertical Terminals
TX
41
IMPORTANT:
Switches are supplied without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered with marking on the switch.
Specific models, ratings and ordering instructions are noted on the General
Specifications page.


Similar Part No. - M2T29TXA30-DB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T29TXA30-D NKK-M2T29TXA30-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
More results

Similar Description - M2T29TXA30-DB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com