Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8741 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8741 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM8741 Datasheet HTML 4Page - Cirrus Logic WM8741 Datasheet HTML 5Page - Cirrus Logic WM8741 Datasheet HTML 6Page - Cirrus Logic WM8741 Datasheet HTML 7Page - Cirrus Logic WM8741 Datasheet HTML 8Page - Cirrus Logic WM8741 Datasheet HTML 9Page - Cirrus Logic WM8741 Datasheet HTML 10Page - Cirrus Logic WM8741 Datasheet HTML 11Page - Cirrus Logic WM8741 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
WM8741
Production Data
w
PD, Rev 4.3, February 2013
8
PIN
NAME
TYPE
DESCRIPTION
PCM MODE
DSD DIRECT MODE
24
MODE /
LRSEL
Digital input,
tri-level
When DIFFHW=0:
0 = hardware mode
1 = 3-wire software mode
Z = 2-wire software mode
When DIFFHW=1:
0 = left channel mono
1 = right channel mono
When DIFFHW=0:
0 = hardware mode
1 = 3-wire software mode
Z = 2-wire software mode
When DIFFHW=1:
0 = left channel mono
1 = right channel mono
25
MUTEB /
SDOUT
Digital input or
output:
Internal pull-up
Softmute Control
0 = mute active
1 = normal operation
Analogue Mute Control
0 = mute active
1 = normal operation
26
SDIN /
DEEMPH
Digital input
Tri-level
De-emphasis Control
0 = normal operation
1 = de-emphasis applied
Z = anti-clipping digital filter mode
Unused
27
SCLK /
DSD
Digital input
HW Mode Select:
0 = PCM
1 = DSD Direct
HW Mode Select:
0 = PCM
1 = DSD Direct
28
CSB /
SADDR /
I
2S
Digital input
Controls audio interface format – see
Table 46
Unused
Notes:
1.
Undefined inputs should be connected to DVDD or DGND
2.
Tri-level pins who require the ‘Z’ state to be selected should be left floating (open)


Similar Part No. - WM8741

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741 Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8741GEDS/RV WOLFSON-WM8741GEDS/RV Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8741GEDS/V WOLFSON-WM8741GEDS/V Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
More results

Similar Description - WM8741

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8742 CIRRUS-WM8742 Datasheet
2Mb / 66P
   24-bit 192 kHz DAC with Advanced Digital Filtering
Rev 4.4 JAN 2020
logo
Asahi Kasei Microsystem...
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
logo
Cirrus Logic
CS43122 CIRRUS-CS43122 Datasheet
523Kb / 28P
   122dB, 24-Bit, 192kHz DAC for Digital Audio
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com