Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8775 Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8775
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8775 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8775 Datasheet HTML 5Page - Cirrus Logic WM8775 Datasheet HTML 6Page - Cirrus Logic WM8775 Datasheet HTML 7Page - Cirrus Logic WM8775 Datasheet HTML 8Page - Cirrus Logic WM8775 Datasheet HTML 9Page - Cirrus Logic WM8775 Datasheet HTML 10Page - Cirrus Logic WM8775 Datasheet HTML 11Page - Cirrus Logic WM8775 Datasheet HTML 12Page - Cirrus Logic WM8775 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Production Data
WM8775
w
PD, Rev 4.4, October 2008
9
DIGITAL AUDIO INTERFACE – SLAVE MODE
BCLK
DOUT
ADCLRC
WM8775
ADC
DVD
Controller
Figure 4 Audio Interface – Slave Mode
BCLK
ADCLRC
t
BCH
t
BCL
t
BCY
DOUT
t
LRSU
t
LRH
t
DD
Figure 5 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
ADCLRC set-up time to
BCLK rising edge
tLRSU
10
ns
ADCLRC hold time from
BCLK rising edge
tLRH
10
ns
DOUT propagation delay
from BCLK falling edge
tDD
0
10
ns
Table 3 Digital Audio Data Timing – Slave Mode
Note:
ADCLRC should be synchronous with MCLK, although the WM8775 interface is tolerant of phase variations or jitter on
these signals.


Similar Part No. - WM8775

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775 Datasheet
348Kb / 36P
   24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
WM8775 WOLFSON-WM8775 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
WM8775EDS WOLFSON-WM8775EDS Datasheet
348Kb / 36P
   24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
WM8775EDS/R WOLFSON-WM8775EDS/R Datasheet
348Kb / 36P
   24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
WM8775SEDS WOLFSON-WM8775SEDS Datasheet
348Kb / 36P
   24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
More results

Similar Description - WM8775

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
   24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
WM8775 WOLFSON-WM8775 Datasheet
348Kb / 36P
   24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
238Kb / 21P
   107 DB 24 BIT 96KHZ 4 CHANNEL ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com