Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8786 Datasheet(PDF) 6 Page - Cirrus Logic

Part # WM8786
Description  24-bit, 192kHz Stereo ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8786 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button WM8786 Datasheet HTML 2Page - Cirrus Logic WM8786 Datasheet HTML 3Page - Cirrus Logic WM8786 Datasheet HTML 4Page - Cirrus Logic WM8786 Datasheet HTML 5Page - Cirrus Logic WM8786 Datasheet HTML 6Page - Cirrus Logic WM8786 Datasheet HTML 7Page - Cirrus Logic WM8786 Datasheet HTML 8Page - Cirrus Logic WM8786 Datasheet HTML 9Page - Cirrus Logic WM8786 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
WM8786
6
Rev 4.4
ELECTRICAL CHARACTERISTICS
Test Conditions
DVDD = 3.3V, AVDD = 5.0V, TA = +25°C,
1kHz signal, A-weighted, fs = 48kHz, MCLK = 256fs, 24-bit audio data, Slave Mode unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Performance
Full Scale Input Signal Level
(for ADC 0dB Input)
2.0
Vrms
Input resistance
10
Input capacitance
10
pF
Signal to Noise Ratio
SNR
A-weighted,
@ fs = 48kHz
102
111
dB
Unweighted,
@ fs = 48kHz
108
Signal to Noise Ratio
SNR
A-weighted,
@ fs = 96kHz
111
dB
Unweighted,
@ fs = 96kHz
108
Signal to Noise Ratio
SNR
A-weighted,
@ fs = 192kHz
111
dB
Unweighted,
@ fs = 192kHz
108
Total Harmonic Distortion
THD
1kHz, -0.1dB Full Scale
@ fs = 48kHz
-102
-92
dB
1kHz, -0.1dB Full Scale
@ fs = 96kHz
-102
1kHz, -0.1dB Full Scale
@ fs = 192kHz
-102
Total Harmonic Distortion
THD
1kHz, -0.1dB Full Scale
@ fs = 48kHz
0.0008
0.0025
%
1kHz, -0.1dB Full Scale
@ fs = 96kHz
0.0008
1kHz, -0.1dB Full Scale
@ fs = 192kHz
0.0008
Dynamic Range
DNR
-60dBFS
102
111
dB
Channel Level Matching
20kHz signal
0.1
dB
Power Supply Rejection Ratio
(AVDD, DVDD)
PSRR
100mV (peak-peak) 1kHz
50
dB
100mV (peak-peak)
20Hz to 20kHz
45
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Input leakage current
-1
±0.2
+1
µA
Input capacitance
5
pF
Output LOW
VOL
IOL=-1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH= 1mA
0.9 x DVDD
V
Analogue Reference Levels
Midrail Reference Voltage
VMID
AVDD to VMID
and VMID to VREFGND
–3%
AVDD/2
+3%
V
Potential Divider Resistance
RVMID
AVDD to VMID
and VMID to GND
50
k
Ω
Buffered Reference Voltage
VREF
–3%
0.8 x AVDD
+3%
V


Similar Part No. - WM8786

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
WM8786GEDS/RV WOLFSON-WM8786GEDS/RV Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8786GEDS/RV WOLFSON-WM8786GEDS/RV Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
WM8786GEDS/V WOLFSON-WM8786GEDS/V Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8786

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_06 Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com