Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8786 Datasheet(PDF) 7 Page - Cirrus Logic

Part # WM8786
Description  24-bit, 192kHz Stereo ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8786 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button WM8786 Datasheet HTML 3Page - Cirrus Logic WM8786 Datasheet HTML 4Page - Cirrus Logic WM8786 Datasheet HTML 5Page - Cirrus Logic WM8786 Datasheet HTML 6Page - Cirrus Logic WM8786 Datasheet HTML 7Page - Cirrus Logic WM8786 Datasheet HTML 8Page - Cirrus Logic WM8786 Datasheet HTML 9Page - Cirrus Logic WM8786 Datasheet HTML 10Page - Cirrus Logic WM8786 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
WM8786
Rev 4.4
7
Test Conditions
DVDD = 3.3V, AVDD = 5.0V, TA = +25°C,
1kHz signal, A-weighted, fs = 48kHz, MCLK = 256fs, 24-bit audio data, Slave Mode unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
Analogue supply current
27
mA
Digital supply current
5
mA
Power Down
22
uA
Note:
1.
The VMID and VREF pins should be decoupled with a 10µF electrolytic capacitor (ESR < 1.5
Ω across all operating
temperatures) and a 0.1µF ceramic capacitor. Device operation with other decoupling is not recommended, and may affect
performance.
TERMINOLOGY
1.
Signal-to-noise ratio (dB)
– Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital
input, over a 20Hz to 20kHz bandwidth. (No Auto-zero or Automute function is employed in achieving these results).
2.
Dynamic range (dB) - DR is a measure of the difference between the highest and lowest portions of a signal. Normally a
THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB to it. (e.g. THD+N
@ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) - THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
4.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from the
other. Normally measured by sending a full scale signal down one channel and measuring the other.
5.
All performance measurements are done with a 20kHz low pass filter, and where noted an A-weight filter, except where noted.
Failure to use such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the
Electrical Characteristics. The low pass filter removes out of band noise; although this is not audible, it may affect dynamic
specification values.


Similar Part No. - WM8786

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
WM8786GEDS/RV WOLFSON-WM8786GEDS/RV Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8786GEDS/RV WOLFSON-WM8786GEDS/RV Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
WM8786GEDS/V WOLFSON-WM8786GEDS/V Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8786

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_06 Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com