Electronic Components Datasheet Search
Selected language     English  â–¼


71128 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. 71128
Description  Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
AN731
Vishay Siliconix
Document Number: 71128
28-Jan-00
www.vishay.com
S FaxBack 408-970-5600
1
Simple Solution for Dynamically Programming the
Output Voltage of DC-DC Converters
INTRODUCTION
Figure 1 shows a typical dc-to-dc converter configuration. As in
many PWM controllers, the non-inverting input of the voltage
feedback error amplifier is internally connected to the
reference voltage, Vr. The output voltage of the converter is set
by a resistor divider network R1 and R2. This configuration
enables a fixed output voltage that is equal to or greater than
the reference voltage. But in many power conversion designs,
it is useful to vary the output to a value lower than the reference
voltage and to dynamically adjust the output voltage. The
op-amp circuit shown in Figure 3 gives designers a simple way
to do this. Scaling the output voltage with respect to a control
voltage VC is totally flexible. This application note describes
how to use this simple solution and provides a step-by-step
design procedure to assist designers in calculating the specific
parameters required by their circuits.
DESIGN REQUIREMENT
Reference voltage, Vr
Control voltage: VC = VC1 to VC2
Output voltage: VO = VO1 at VC = VC1, VO = VO2 at VC = VC2,
and VO is linear for any value of VC in its range.
These design requirements are shown in Figure 2. The output
voltage is a linear function with respect to the control voltage.
The function crosses two end points A = (VC1, VO1) and B =
(VC2, VO2).
R1
Power Stage
PWM
VOUT
R2
–
+
FB
Vr
VIN
PWM Controller
EA
–
+
B
Vr2
LM358
VX
R3
R4
VC
A
Op-Amp Circuit
FIGURE 1. Typical DC/DC Converter Configuration
R1
Power Stage
PWM
VOUT
R2
–
+
FB
Vr
VIN
PWM Controller
EA
FIGURE 2. Output Voltage vs Control Voltage Requirement
VO (V)
B (VC2, VO2)
VC (V)
A (VC1, VO1)
FIGURE 3. Op-Amp Circuit Offers Programmable Output Function




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6128ALow Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
2SD882NPN for the output stage of 3 watts audio amplifier voltage regulator DC-DC converter and relay driver 1 2 NEC
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120HVHigh Voltage Synchronous Buck Controller Ideal for 2A to 20A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl