Electronic Components Datasheet Search
Selected language     English  ▼


71128 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 71128
Description  Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 3 page
background image
AN731
Vishay Siliconix
Document Number: 71128
28-Jan-00
www.vishay.com
S FaxBack 408-970-5600
3
To limit the common mode range of VX, the following equations
can be used:
1. To keep VX equal or greater than a minimum value, VXm=
1 V:
Vr2
w
Vxm(Vo2–Vr–aVc2)
) aVc2Vr
Vo2
) a(Vr–Vxm)–Vr
+
1(3.4–1.3–1.2
2.7)
) 1.2
2.7
1.3
3.4
) 1.2(1.3–1)–1.3
+ 1.249
(12)
2. To keep VX equal or less than a maximum value, VXm =
3 V:
Vr2
w
VxM(Vo2–Vr–aVc2)
) aVc1Vr
Vo2
) a(Vr–VxM–Vc2 ) Vc1)–Vr
+
2(3.4–1.3–1.2
2.7)
) 1.2
0.2
1.3
3.4
) 1.2(1.3–2–2.7 ) 0.2)–1.3
+ 1.13 V
(13)
So, Vr2 can be any value between 1.249 V and 1.3 V. Choose
Vr2 = 1.25 V.
Calculate m1 and then R2:
m1
+
Vr–Vr2
Vo2
) a(Vr2–Vc2)–Vr
+
1.3–1.25
3.4
) 1.2(1.25–2.7)–1.3
+ 0.139
m1
+ R2
R1
å R2 + m1R1 + 0.139
22.1 k
+ 3.07 kW
(14)
Choose R2 = 3.01 k
W as a practical value
Calculate R3 and R4:
a
+ m2
m1 +
R3
m1R4
å R3 + am1R4
(15)
Choose R4, then calculate R3. The value of R4 should be large
enough such that the current going through it will not be so
large as to cause excessive power dissipation under extreme
conditions. On the other hand, R4 should be small enough that
its current will not be overly sensitive to noise and op-amp bias
current.
If R4 is set at 22.1k, then R3 = 3.68 k, and we can choose R3
= 3.60 k as a practical value.
Express VO as a function of VC, using practical values of R’s:
a
+ m2
m1 +
R1R3
R2R4
+ 22.1kx3.68k
3.01kx22.1k
+ 1.223
b
+ 1
m1 )
1 Vr– 1
m1 )
a Vr2
+
R1
R2
) 1 Vr– R1
R2
) a Vr2
b
+ 22.1k
3.01k
) 1 1.3– 22.1k
3.01k
) 1.223 1.25 + 0.1389
(16)
The final result: VO = aVC + b = 1.223 x VC + 0.1389
EXPERIMENTAL RESULTS
A circuit was built and tested (see Figure 5). The result is
tabulated in Table 1 and plotted in Figure 4:
TABLE 1
V
VX
VO
VC
Measured
Calculated
Measured
Required
0.1
1.43
0.26
0.32
0.2
1.42
0.38
0.42
0.40
0.4
1.38
0.63
0.68
0.64
0.8
1.32
1.12
1.16
1.12
1.2
1.25
1.61
1.66
1.60
1.6
1.19
2.10
2.12
2.08
2.0
1.11
2.58
2.68
2.56
2.4
1.05
3.07
3.11
3.04
2.6
1.02
3.32
3.33
3.28
2.7
1.00
3.44
3.46
3.40
2.8
0.99
3.56
3.58
3.0
0.96
3.81
3.78
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Control Voltage—VC (v)
FIGURE 4.
VX Measured
VO
The measured values are very much in agreement with the
calculated and required values. A negligible error results from
the difference between an ideal op-amp and the actual circuit
with its finite offset voltage and bias current.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6128ALow Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
2SD882NPN for the output stage of 3 watts audio amplifier voltage regulator DC-DC converter and relay driver 1 2 NEC
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120HVHigh Voltage Synchronous Buck Controller Ideal for 2A to 20A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl