Electronic Components Datasheet Search
Selected language     English  ▼


71128 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 71128
Description  Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 5 page
background image
AN731
Vishay Siliconix
Document Number: 71128
28-Jan-00
www.vishay.com
S FaxBack 408-970-5600
5
P1
1
JP1
Enable
Disable
Converter
JP2
–PSM
PWM
PWM/PSM
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
P2
1
GND
SYNC
+1.3 V
Si9165
1
1
P4
PGND
-
+
1
U2A
LM358D
1
U1
-
+
U2B
LM358D
7
NC
6
5
L1
JP1: –SD to VIN for converter enable mode;
–SD to PGND for shutdown mode.
JP2: PWM/–PSM to VIN for PWM mode;
PWM/–PSM to PGND for PSM mode.
NOTE: VIN must be > VOUT +0.6 V for output regulation
* = Optional
FIGURE 5. Schematic of Design Example, Using Si9165 Converter
VIN
C10
0.1
mF
R10
10 k
W
R9, 390
W
R8, 22.1 k
W
R11
3.60 k
W
P5
VA
0.2 – 2.7 V
C5
0.1
mF
C1
100 pF
C6
1 nF
R6
3.9 k
W
R3
25 k
W
C2
0.1
mF
VDD
C4
220 pF
R4*
50
W
VX
R5
1 k
W
R1
22.1 k
W
1%
R2
3.01 k
W
1%
P3
VOUT
0.4 – 3.4 V
600 mA
Adjustable
C3
10
mF
VDD
VIN
2.7 – 6 V
C8
0.1
mF
C7
10
mF
1.5
mH
SD
NC
COIL
COIL
MODE
VIN/OUT
VS
SYNC
VO
GND
VDD
VREF
ROSC
FB
COMP
VIN/OUT
VIN/OUT
PGND
PGND




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6128ALow Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
2SD882NPN for the output stage of 3 watts audio amplifier voltage regulator DC-DC converter and relay driver 1 2 NEC
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120HVHigh Voltage Synchronous Buck Controller Ideal for 2A to 20A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl