Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138D257X0010T2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 138D257X0010T2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D257X0010T2 Datasheet(HTML) 4 Page - Vishay Siliconix

  138D257X0010T2 Datasheet HTML 1Page - Vishay Siliconix 138D257X0010T2 Datasheet HTML 2Page - Vishay Siliconix 138D257X0010T2 Datasheet HTML 3Page - Vishay Siliconix 138D257X0010T2 Datasheet HTML 4Page - Vishay Siliconix 138D257X0010T2 Datasheet HTML 5Page - Vishay Siliconix 138D257X0010T2 Datasheet HTML 6Page - Vishay Siliconix 138D257X0010T2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 40025
Revision 15-Oct-03
www.vishay.com
58
138D
Vishay
For technical questions, contact wettants@vishay.com
15WVDC at + 85
°C . . . 10WVDC at + 125°C
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
- 40
- 44
- 60
- 16
- 70
- 77
- 77
9
9
16
16
24
24
32
2
2
3
3
6
6
8
80
72
35
31
25
22
17
4
4
2.5
2.5
1.8
1.8
1.2
138D686X0015C2
138D107X0015C2
138D277X0015F2
138D397X0015F2
138D547X0015T2
138D827X0015T2
138D108X0015K2
C
C
F
F
T
T
K
68
100
270
390
540
820
1000
56
82
220
330
C
C
F
F
138D566X0020C2
138D826X0020C2
138D227X0020F2
138D337X0020F2
4.3
4.3
2.7
2.7
90
81
35
31
2
2
3
3
9
9
16
16
- 38
- 43
- 60
- 66
+ 13
+ 13
+ 16
+ 16
+ 16
+ 16
+ 20
+ 20
+ 15
+ 15
+ 16
+ 16
+ 25
+ 12
+ 12
+ 13
+ 13
+ 20
- 35
- 40
- 55
- 62
- 60
9
9
16
16
28
2
2
3
3
7
100
90
37
33
27
4.3
4.3
2.7
2.7
1.8
138D476X0025C2
138D686X0025C2
138D187X0025F2
138D277X0025F2
138D357X0025T2
C
C
F
F
T
47
68
180
270
350
39
56
150
220
330
470
560
C
C
F
F
T
T
K
138D396X0030C2
138D566X0030C2
138D157X0030F2
138D227X0030F2
138D337X0030T2
138D477X0030T2
138D567X0030K2
5.2
5.2
2.5
2.5
1.8
1.8
1.3
110
100
40
36
28
25
20
2
2
3
3
8
8
9
9
9
16
16
32
32
36
- 32
- 38
- 50
- 60
- 50
- 65
- 65
+ 12
+ 12
+ 13
+ 13
+ 20
+ 20
+ 25
+ 15
+ 15
+ 16
+ 16
+ 25
+ 25
+ 30
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
30WVDC at + 85
°C . . . 20WVDC at + 125°C
20WVDC at + 85
°C . . . 13WVDC at + 125°C
10WVDC at + 85
°C . . . 7WVDC at + 125°C
100
150
390
560
1200
1500
C
C
F
F
T
K
138D107X0010C2
138D157X0010C2
138D397X0010F2
138D567X0010F2
138D128X0010T2
138D158X0010K2
3.0
3
2.5
2.5
1.5
1
60
54
30
27
18
15
2
2
3
3
5
7
9
9
16
16
20
25
- 50
- 55
- 70
- 77
- 88
- 88
+ 13
+ 13
+ 16
+ 16
+ 20
+ 25
+ 16
+ 16
+ 20
+ 20
+ 25
+ 30
Max. DCL (
µA) at
Max. CAPACITANCE
CHANGE (%) at
EXTENDED RATINGS
+ 125
°C
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
Max. ESR
at + 25
°C
(Ohms)
Max. IMP.
at - 55
°C
(Ohms)
+ 85
°C
- 55
°C
+ 85
°C
+ 125
°C
+ 25
°C
6WVDC at + 85
°C . . . 4WVDC at + 125°C
560
820
1500
2200
F
F
T
K
138D567X0006F2
138D827X0006F2
138D158X0006T2
138D228X0006K2
2.5
2.5
1.5
1
20
18
18
13
3
3
5
6
14
14
20
24
- 80
- 88
- 90
- 90
+ 16
+ 16
+ 20
+ 25
+ 20
+ 20
+ 25
+ 30
8WVDC at + 85
°C . . . 5WVDC at + 125°C
+ 16
+ 20
+ 20
+ 30
+ 13
+ 16
+ 16
+ 20
- 60
- 75
- 83
- 90
9
14
14
25
2
3
3
7
45
25
22
14
3
2.5
2.5
1
138D187X0008C2
138D477X0008F2
138D687X0008F2
138D188X0008K2
C
F
F
K
180
470
680
1800
* Part Numbers listed are for units with outer plastic-film insulation and a capacitance tolerance of
± 20%. For bare case units, substitute "0"
for "2" at the end of the Part Number. For capacitors with
± 10% tolerance, change the digit following the letter "X" to "9".
Wet Tantalum Capacitors
Sintered Anode TANTALEX
® Capacitors Hermetically-Sealed
with True Glass-to-Tantalum Seal


Similar Part No. - 138D257X0010T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D257X0010T2 VISHAY-138D257X0010T2 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
More results

Similar Description - 138D257X0010T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com